Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLA75PS350-A Datasheet(PDF) 3 Page - XP Power Limited

No. de pieza DLA75PS350-A
Descripción Electrónicos  50-150 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLA75PS350-A Datasheet(HTML) 3 Page - XP Power Limited

  DLA75PS350-A Datasheet HTML 1Page - XP Power Limited DLA75PS350-A Datasheet HTML 2Page - XP Power Limited DLA75PS350-A Datasheet HTML 3Page - XP Power Limited DLA75PS350-A Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Power(1)
Output Current(1)
Output Voltage
Efficiency(2)
Power Factor
Model Number
110 VAC
220 VAC
120 W
350 mA
206.0 V - 345.0 V
92.0 %
0.99
0.96
DLA120PS350-A
120 W
450 mA
160.0 V - 266.0 V
92.0 %
0.99
0.96
DLA120PS450-A
120 W
700 mA
103.0 V - 171.0 V
92.0 %
0.99
0.96
DLA120PS700-A
120 W
1050 mA
68.0 V - 114.0 V
91.0 %
0.99
0.96
DLA120PS1050-A
120 W
1400 mA
52.0 V - 86.0 V
91.0 %
0.99
0.96
DLA120PS1400-A
120 W
1750 mA
41.0 V - 68.0 V
91.0 %
0.99
0.96
DLA120PS1750-A
120 W
2100 mA
34.0 V - 57.0 V
91.0 %
0.99
0.96
DLA120PS2100-A
120 W
2450 mA
29.0 V - 49.0 V
91.0 %
0.99
0.96
DLA120PS2450-A
120 W
2800 mA
26.0 V - 43.0 V
91.0 %
0.99
0.96
DLA120PS2800-A
120 W
3150 mA
23.0 V - 38.0 V
90.0 %
0.99
0.96
DLA120PS3150-A
120 W
3500 mA
20.0 V - 34.0 V
90.0 %
0.99
0.96
DLA120PS3500-A
120 W
4200 mA
17.0 V - 28.0 V
90.0 %
0.99
0.96
DLA120PS4200-A
120 W
4900 mA
14.0 V - 24.0 V
90.0 %
0.99
0.96
DLA120PS4900-A
DLA120 Series
Models and Ratings
8.66 (220.0)
0.59
(15.0,
±0.5)
1.97 (50.0, ±2)
25.59 (650.0, ±20)
1.97 (50.0, ±2)
0.59
(15.0,
±0.5)
2.65
(67.5)
1.46
(37.0)
8.19 (208.0)
8.03 (204.0)
7.48 (190.0)
7.64 (194.0)
8.70 (221.0, ±0.5)
0.41 (10.5)
1.96 (50.0)
1.33 (34.0)
0.15 (4.0)
AC IN
DC OUT
0.31 (8.0)
0.20 (5.0)
Weight: 2.20 lbs (1000 g)
Input cable is UL recognised.
DLA120
Mechanical Details
1. Output power derates linearly from 100% at 100 VAC input to 90%
at 90 VAC input.
2. Measured at 230 VAC input and full load.
Dimensions shown in inches (mm).
Notes
Constant Current Models


Número de pieza similar - DLA75PS350-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB232P ETC2-DLA71DB232P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB232P CARLOGAVAZZI-DLA71DB232P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB482P ETC2-DLA71DB482P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB482P CARLOGAVAZZI-DLA71DB482P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com