Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STL7LN80K5 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STL7LN80K5
Descripción Electrónicos  N-channel 800 V, 0.95typ., 5 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7LN80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL7LN80K5 Datasheet HTML 1Page - STMicroelectronics STL7LN80K5 Datasheet HTML 2Page - STMicroelectronics STL7LN80K5 Datasheet HTML 3Page - STMicroelectronics STL7LN80K5 Datasheet HTML 4Page - STMicroelectronics STL7LN80K5 Datasheet HTML 5Page - STMicroelectronics STL7LN80K5 Datasheet HTML 6Page - STMicroelectronics STL7LN80K5 Datasheet HTML 7Page - STMicroelectronics STL7LN80K5 Datasheet HTML 8Page - STMicroelectronics STL7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STL7LN80K5
Electrical ratings
DocID028831 Rev 2
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 30
V
ID
(1)
Drain current (continuous) at TC = 25 °C
5
A
ID
(1)
Drain current (continuous) at TC = 100 °C
3.4
A
ID
(2)
Drain current (pulsed)
20
A
PTOT
Total dissipation at TC = 25 °C
42
W
dv/dt
(3)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(4)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature range
Notes:
(1)
Limited by maximum junction temperature.
(2)
Pulse width limited by safe operating area
(3)
ISD ≤ 5 A, di/dt 100 A/μs; VDS peak < V(BR)DSS,VDD= 640 V
(4)
VDS ≤ 640 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
3
°C/W
Rthj-pcb
(1)
Thermal resistance junction-pcb
59
°C/W
Notes:
(1)
When mounted on 1inch² FR-4 board, 2 oz Cu.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width
limited by Tjmax)
1.5
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR,
VDD = 50 V)
200
mJ


Número de pieza similar - STL7LN80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
   Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
November 2020 Rev 2
More results

Descripción similar - STL7LN80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL4LN80K5 STMICROELECTRONICS-STL4LN80K5 Datasheet
682Kb / 14P
   N-channel 800 V, 2.1 廓 typ., 3 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
May 2015 Rev 1
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
   Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
November 2020 Rev 2
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
   N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
February 2016
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STD3LN80K5 STMICROELECTRONICS-STD3LN80K5 Datasheet
815Kb / 15P
   N-channel 800 V, 2.75 廓 typ., 2 A MDmesh??K5 Power MOSFET in a DPAK package
July 2016 Rev 2
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a D짼PAK package
August 2015 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com