Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH600PS36 Datasheet(PDF) 5 Page - XP Power Limited

No. de pieza SMH600PS36
Descripción Electrónicos  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMH600PS36 Datasheet(HTML) 5 Page - XP Power Limited

  SMH600PS36 Datasheet HTML 1Page - XP Power Limited SMH600PS36 Datasheet HTML 2Page - XP Power Limited SMH600PS36 Datasheet HTML 3Page - XP Power Limited SMH600PS36 Datasheet HTML 4Page - XP Power Limited SMH600PS36 Datasheet HTML 5Page - XP Power Limited SMH600PS36 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMH600
AC-DC Power Supplies
www.xppower.com
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 2.87 lbs (1.3 kg)
4. Fan output not available
6.40
M4*0
.7P
Ø5.90
6.40
UNC
#6-3
2
Ø5.60
C: MOUNTING HOLE 8 PLACE
M4X0.7 (BRASS)
B: MOUNTING HOLE 8 PLACE
6-32 UNC(ZN-PLATED)
RS-
RS+
RSW
RTN
PG
RSW
RTN
PG
TERMINAL BLOCK
6 PINS 9.5 MM CENTER
OPTIONAL CONNECTOR
MOLEX PART NO.09-50-3141 (14 PINS)
TERMINAL BLOCK
6 PINS 9.5 MM CENTER
OPTIONAL CONNECTOR
MOLEX PART NO.09-50-3141 (14 PINS)
TERMINAL BLOCK
3 PINS 8.25 MM CENTER
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
PIN NO.3,6 NC
TERMINAL BLOCK
3 PINS 8.25 MM CENTER
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
PIN NO.3,6 NC
B
C
C
C
C
C
B
B
C
B
B
C
B
C
B
B
7.00 (177.80)
8.00 (203.20)
0.50 (12.70)
0.50 (12.70)
CN2
B
C
C
C
C
C
B
B
C
B
B
C
B
C
B
B
CN2
CN1
CN3
1.60 (40.64)
8.00 (203.20)
7.00 (177.80)
0.50 (12.70)
0.50 (12.70)
CN3
CN1
8.00 (203.20)
Mechanical Details - Top Fan (-TF)
Single Model
Dual Model
Pin
Description
RS-
Negative remote sense
RS+
Positive remote sense
RSW
Remote On/Off
RTN
Signal Return
PG
Power Good
Pin
Description
RSW
Remote On/Off
RTN
Signal Return
PG
Power Good


Número de pieza similar - SMH600PS36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YEONHO ELECTRONICS
SMH600 YEONHO-SMH600 Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-04B YEONHO-SMH600-04B Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-04P YEONHO-SMH600-04P Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-NNB YEONHO-SMH600-NNB Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
More results

Descripción similar - SMH600PS36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com