Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDM300PS24-F Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza SDM300PS24-F
Descripción Electrónicos  Medical Approvals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDM300PS24-F Datasheet(HTML) 1 Page - XP Power Limited

  SDM300PS24-F Datasheet HTML 1Page - XP Power Limited SDM300PS24-F Datasheet HTML 2Page - XP Power Limited SDM300PS24-F Datasheet HTML 3Page - XP Power Limited SDM300PS24-F Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
300 Watts
Medical Approvals
3.2” x 5” Footprint
Fits 1U Applications
High Efficiency
Up to 600 W Peak Power
Single & Dual Outputs
3 Year Warranty
SDM Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 5.0 A at 90 VAC, 2 A at 230 VAC
Inrush Current
• Max 70 A at 230 VAC, 35 A at 115 VAC,
cold start 25 °C
Power Factor
• >0.9
Earth Leakage Current
• <250 µA at 264 VAC, 60 Hz
Input Protection
• T5 A / 350 V internal in line fuse
Output
Output Voltage
• See table
Output Voltage Trim
• ±5% on V1 (V2 of dual output models will
track by same % of adjustment)
Initial Set Accuracy
• ±1%
Minimum Load
• 10% on both outputs of dual
output models
Start Up Delay
• 1.1 s max at 120 VAC
Start Up Rise Time
• 100 ms typical
Hold Up Time
• 16 ms min at 80% of full load, 120 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±1% 1-100% load for single outputs
±3% V1, ±7% V2 for dual output models
Over/Undershoot
• 5% max
Transient Response
• 5% max deviation, recovery to within
1% in 2.5 ms for a 50% load change
Ripple & Noise
• 1% pk-pk (see note 1)
Overvoltage Protection
• 110-130% Vnom on output V1,
recycle input to reset
Overtemperature
• Measured internally with auto recovery
Protection
Overload Protection
• 110-140%
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Remote On/Off
• Requires a low signal to inhibit output
Fan Supply
• 12 VDC, 300 mA, not available on
‘-F’, ‘-E’ or ‘-K’ versions with built-in fan
xppower.com
General
Efficiency
• Single output models: typically 86%
Dual output models: typically 82%
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
250 VDC Output to Ground
Switching Frequency
• 40-70 kHz PFC variable,
55 kHz - 75 kHz PWM fixed
Power Density
• 12.5 W/in3
Signals
• Power Good goes Hi 100-500 ms after
output is in regulation and goes Low at
least 0.6 ms before loss of regulation
MTBF
• 116 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -10 °C to +70 °C, derate at 2.5%/ °C from
+50 °C to +70 °C
Storage Temperature
• -20 °C to +85 °C
Operating Humidity
• 5-90%, non-condensing
Storage Humidity
• 5-95%, non-condensing
Cooling
• ‘-F’, ‘-E’ & ‘-K’ versions have built-in fan,
others require 15 CFM to meet forced air
ratings
Operating Altitude
• 3000 m
Shock
• 30 g, 11ms half sine, 6 axes
Vibration
• 2 g, 10-200 Hz, 3 axes
EMC & Safety
Emissions
• EN55011 Level B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
EN61000-3-2 class C for loads ≥40%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 500 ms, 60%
100 ms, 100% 10 ms, 100% 5000 ms,
Perf Criteria A, A, A, B at 230 VAC and
100 VAC with reduced load
Safety Approvals
• ANSI/AMMI ES60601-1, CSA C22.2
No. 60601-1, EN60601-1, All 3rd Edition


Número de pieza similar - SDM300PS24-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
SDM300 MICROSEMI-SDM300 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM300 MICROSEMI-SDM300 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM30002 MICROSEMI-SDM30002 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
118Kb / 2P
   Schottky Rectifier
More results

Descripción similar - SDM300PS24-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
Emerson Network Power
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com