Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC14DRE4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74HC14DRE4
Descripción Electrónicos  Hex Schmitt-Trigger Inverters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC14DRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC14DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 11Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 12Page - Texas Instruments SN74HC14DRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A
Y
9
SN54HC14, SN74HC14
www.ti.com
SCLS085I – DECEMBER 1982 – REVISED FEBRUARY 2016
Product Folder Links: SN54HC14 SN74HC14
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
These Schmitt-trigger devices contain six independent inverters. They perform the Boolean function Y = A in
positive logic.
Schmitt-trigger inputs are designed to provide a minimum separation between positive and negative switching
thresholds. This allows for noisy or slow inputs that would cause problems such as oscillation or excessive
current draw with normal CMOS inputs.
9.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
9.3 Feature Description
The wide operating range of the device allows it to be used in a variety of systems that use different logic levels.
The outputs can drive up to 10 LSTTL loads each. The device has very low power consumption, with 20-
μA Max
ICC. Typical propagation delay is also low at 11 ns. The balanced drive outputs can source or sink 4 mA at 5-V
VCC. The input leakage current is 1 μA Max.
9.4 Device Functional Modes
Table 1 lists the functional modes of the SNx4HC14.
Table 1. Function Table (Each Inverter)
INPUTS
A
OUTPUT
Y
H
L
L
H


Número de pieza similar - SN74HC14DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
665Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
1Mb / 31P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HC14DRE4 TI-SN74HC14DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Descripción similar - SN74HC14DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com