Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC32T245GKER Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SN74AVC32T245GKER
Descripción Electrónicos  32-Bit Dual-Supply Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245GKER Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVC32T245GKER Datasheet HTML 1Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 2Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 3Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 4Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 5Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 6Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 7Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 8Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SN74AVC32T245
SCES553F – MAY 2004 – REVISED JULY 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
1B2
Input/Output
Referenced to VCCB
A2
1B1
Input/Output
Referenced to VCCB
A3
1DIR
Input
Direction-control signal
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State mode.
A4
1OE
Input
Referenced to VCCA
A5
1A1
Input/Output
Referenced to VCCA
A6
1A2
Input/Output
Referenced to VCCA
B1
1B4
Input/Output
Referenced to VCCB
B2
1B3
Input/Output
Referenced to VCCB
B3
GND
Ground
B4
GND
Ground
B5
1A3
Input/Output
Referenced to VCCA
B6
1A4
Input/Output
Referenced to VCCA
C1
1B6
Input/Output
Referenced to VCCB
C2
1B5
Input/Output
Referenced to VCCB
C3
VCCB
B-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
C4
VCCA
A-port supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
C5
1A5
Input/Output
Referenced to VCCA
C6
1A6
Input/Output
Referenced to VCCA
D1
1B8
Input/Output
Referenced to VCCB
D2
1B7
Input/Output
Referenced to VCCB
D3
GND
Ground
D4
GND
Ground
D5
1A7
Input/Output
Referenced to VCCA
D6
1A8
Input/Output
Referenced to VCCA
E1
2B2
Input/Output
Referenced to VCCB
E2
2B1
Input/Output
Referenced to VCCB
E3
GND
Ground
E4
GND
Ground
E5
2A1
Input/Output
Referenced to VCCA
E6
2A2
Input/Output
Referenced to VCCA
F1
2B4
Input/Output
Referenced to VCCB
F2
2B3
Input/Output
Referenced to VCCB
F3
VCCB
B-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
F4
VCCA
A-port supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
F5
2A3
Input/Output
Referenced to VCCA
F6
2A4
Input/Output
Referenced to VCCA
G1
2B6
Input/Output
Referenced to VCCB
G2
2B5
Input/Output
Referenced to VCCB
G3
GND
Ground
G4
GND
Ground
G5
2A5
Input/Output
Referenced to VCCA
G6
2A6
Input/Output
Referenced to VCCA
H1
2B7
Input/Output
Referenced to VCCB
H2
2B8
Input/Output
Referenced to VCCB
H3
2DIR
Input
Direction-control signal
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC32T245


Número de pieza similar - SN74AVC32T245GKER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI1-SN74AVC32T245GKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

Descripción similar - SN74AVC32T245GKER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com