Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS820-600B Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

No. de pieza TS820-600B
Descripción Electrónicos  8A SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TS820-600B Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  TS820-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TS820-600B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TN8, TS8 and TYNx08 Series
2/9
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
SENSITIVE
s
STANDARD
THERMAL RESISTANCES
S= copper surface under tab
Symbol
Test Conditions
TS820
Unit
IGT
VD = 12 V
RL = 140 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM
RL = 3.3 kΩ RGK = 220 Ω
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8V
IH
IT = 50 mA
RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 65 % VDRM
RGK = 220 Ω
Tj = 125°C
MIN.
5
V/µs
VTM
ITM = 16 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
46
m
IDRM
IRRM
VDRM = VRRM
RGK = 220 Ω
Tj = 25°C
MAX.
5
µA
Tj = 125°C
1
mA
Symbol
Test Conditions
TN805 TN815
TYNx08
Unit
IGT
VD = 12 V
RL = 33 Ω
MIN.
0.5
2
2
mA
MAX.
5
15
15
VGT
MAX.
1.3
V
VGD
VD = VDRM
RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 100 mA
Gate open
MAX.
25
40
30
mA
IL
IG = 1.2 IGT
MAX.
30
50
70
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
50
150
150
V/µs
VTM
ITM = 16 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
46
m
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
20
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
IPAK
100
S = 0.5 cm²
DPAK
70
/T
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Número de pieza similar - TS820-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
162Kb / 9P
   8A SCRs
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TS820-600B-TR STMICROELECTRONICS-TS820-600B-TR Datasheet
162Kb / 9P
   8A SCRs
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
More results

Descripción similar - TS820-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com