Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBL52214G Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza SBL52214G
Descripción Electrónicos  Low Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBL52214G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SBL52214G Datasheet HTML 3Page - Infineon Technologies AG SBL52214G Datasheet HTML 4Page - Infineon Technologies AG SBL52214G Datasheet HTML 5Page - Infineon Technologies AG SBL52214G Datasheet HTML 6Page - Infineon Technologies AG SBL52214G Datasheet HTML 7Page - Infineon Technologies AG SBL52214G Datasheet HTML 8Page - Infineon Technologies AG SBL52214G Datasheet HTML 9Page - Infineon Technologies AG SBL52214G Datasheet HTML 10Page - Infineon Technologies AG SBL52214G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SBL52214x
Technical Data
Data Sheet
7
2002-05-01
Receiver Diode Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Spectral sensitivity,
V
R = 5 V, λ = 1310 nm
S
rec
0.3
1
A/W
Rise and fall time (10%–90%)
R
L = 50 Ω, VR = 5 V
t
r; tf
1ns
Total capacitance
V
R = 5 V, Popt = 0, f = 1 MHz
C
1.5
pF
Dark current,
V
R = 5 V, Popt = 0
I
D
50
nA
Module Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Optical Crosstalk
1)
1)
Optical Crosstalk is defined as
with:
I
Det,0: the photocurrent with PF = 0.5 PF, max., without optical input, CW laser operation, VR = 2 V and
I
Det,1: the photocurrent without PF, but 0.5 PF, max. optical input power, λ = 1310 nm.
CRT
–22
dB
End of Life Time Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Threshold current at
T = T
max
I
th
60
mA
Current above threshold, over full
temperature range, at
I
mon, ref = Imon
(
T = 25°C, P
F = 0.5 PF, max., BOL)
I
F
770
Tracking Error
TE
–1.5
1.5
dB
Detector Dark Current,
V
R = 2 V, T = Tmax
I
R
400
nA
Monitor Dark Current,
V
R = 2 V, T = Tmax
I
R
1µA
CRT dB
[]
10
I
Det.0
I
Det.1
------------
log
×
=


Número de pieza similar - SBL52214G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sangdest Microelectroni...
SBL5200 SMC-SBL5200 Datasheet
197Kb / 5P
   Schottky Barrier Chip
logo
SMC Diode Solutions Co....
SBL5200 SMCDIODE-SBL5200 Datasheet
216Kb / 4P
   SBL5200 SCHOTTKY RECTIFIER
Rev.A
logo
Infineon Technologies A...
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL52414N INFINEON-SBL52414N Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results

Descripción similar - SBL52214G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SBM52214G INFINEON-SBM52214G Datasheet
277Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
2002-05-01
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com