Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ30 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

No. de pieza SMAJ30
Descripción Electrónicos  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YENYO [YENYO TECHNOLOGY Co., Ltd]
Página de inicio  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SMAJ30 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SMAJ30 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SMAJ30 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd SMAJ30 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd SMAJ30 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
TA= 25oC unless otherwise noted
-65 to +150
SMA/DO-214AC
SMAJ SERIES
Stand-off Voltage 5.0 to 440 V
Power Dissipation 400 Watts
Surface Mount Transient Voltage Suppressor
VALUE
SYMBOL
PPPM
IFSM
TJ, TSTG
Minimum 400
40
3.5 / 6.5
3.3
UNIT
Watts
Watts
V
A
oC
Operating Junction and Storage Temperature
Peak Forward Surge Current, 8.3ms single
Half sine-wave super imposed on rated load
Features
RoHS compliant and halogen-free
Typical IR less than 1uA above 10V
Reliable low cost construction utilizing
Case: SMA/DO-214AC, Molded plastic
Both bi-directional and uni-directional
Fast response time: typically less than 1.0
Weight: 0.064 gram
Polarity:by cathode band denotes uni-
directional device none cathode band
denotes bi-directional device
Mechanical Data
NOTES :
molded plastic technique
devices are available
ps form 0 Volts to VBR min
.157(3.99)
.177(4.50)
.006(.152)
.012(.305)
.100(2.54)
.110(2.79)
.049(1.25)
.065(1.65)
.078(1.98)
.096(2.44)
.188(4.80)
.208(5.28)
.030(0.78)
.060(1.52)
Max .008(.203)
Range
1 / 4
R5, JAN-13
Certified RoHS Compliant
UL File # E353409
PARAMTER
PM(AV)
VF
Peak Pulse Power Dissipation at TA=25
oC
by 10/1000us waveform fig.1 (Note 1,2)
at 25A for unidirectional devices only (Note 4)
Steady State Power Dissipation at TA=50
oC
(Note 3)
Maximum lnstantaneous forward voltage
(1) Non-repetitive current pulse, per fig. 3 and derated above TA=25
oC per fig. 2.
(2) Mounted on 0.2”x0.2”(5.0mmx5.0mm) copper pads to each terminal
(3) 8.3ms single half-sine wave duty cycle= 4pulses maximum per minute(unidirectional units only)
(4) VF<3.5V for VBR 200V and VF<6.5V for VBR 201V
120
oC/W
Typical Thermal Resistance Junction
to Ambient
R JA
30
oC/W
Typical Thermal Resistance Junction
to Lead
R JL
has UL flammability classification 94V-0


Número de pieza similar - SMAJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMAJ30 JGD-SMAJ30 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ30 HORNBY-SMAJ30 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMAJ30 SOCAY-SMAJ30 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ30 RFE-SMAJ30 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Vishay Siliconix
SMAJ30 VISHAY-SMAJ30 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Descripción similar - SMAJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com