Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC6C595PWG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPIC6C595PWG4
Descripción Electrónicos  Power Logic 8-Bit Shift Register
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6C595PWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC6C595PWG4 Datasheet HTML 1Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 2Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 3Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 4Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 5Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 6Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 7Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 8Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPIC6C595
www.ti.com
SLIS061D – JULY 1998 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TPIC6C595
THERMAL METRIC(1)
D (SOIC)
N (PDIP)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
82.3
51.5
109.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.7
31.4
44.6
°C/W
RθJB
Junction-to-board thermal resistance
41.4
38.8
54.8
°C/W
ψJT
Junction-to-top characterization parameter
11.3
23.6
5
°C/W
ψJB
Junction-to-board characterization parameter
39.5
31.3
54.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Drain-to-source breakdown
V(BR)DSX
ID = 1 mA
33
37
V
voltage
Source-to-drain diode forward
VSD
IF = 100 mA
0.85
1.2
V
voltage
IOH = − 20 µA,
VCC = 4.5 V
4.4
4.49
High-level output voltage, SER
VOH
V
OUT
IOH = − 4 mA,
VCC = 4.5 V
4
4.2
IOL = 20 µA,
VCC = 4.5 V
0.005
0.1
Low-level output voltage, SER
VOL
V
OUT
IOL = 4 mA,
VCC = 4.5 V
0.3
0.5
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
–1
µA
All outputs off
20
200
ICC
Logic supply current
VCC = 5.5 V
µA
All outputs on
150
500
fSRCK = 5 MHz,
CL = 30 pF,
Logic supply current at
ICC(FRQ)
1.2
5
mA
frequency
All outputs off,
See Figure 9 and Figure 2
VDS(on) = 0.5 V,
IN = ID,
IN
Nominal current
90
mA
TC = 85°C
See (1)(2)(3)
VDS = 30 V,
VCC = 5.5 V
0.1
0.2
IDSX
Off-state drain current
µA
VDS = 30 V
VCC = 5.5 V
0.15
0.3
TC = 125°C
ID = 50 mA,
6.5
9
VCC = 4.5 V
ID = 50 mA,
Static drain-source on-state
See (1) and(2) and Figure 3
rDS(on)
TC = 125°C,
9.9
12
resistance
and Figure 4
VCC = 4.5 V
ID = 100 mA,
6.8
10
VCC = 4.5 V
(1)
Technique should limit TJ − TC to 10°C maximum.
(2)
These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
(3)
Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a voltage
drop of 0.5 V at TC = 85°C.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPIC6C595


Número de pieza similar - TPIC6C595PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC6C595PWG4 TI1-TPIC6C595PWG4 Datasheet
962Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Descripción similar - TPIC6C595PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com