Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G157DCUTE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza 74LVC2G157DCUTE4
Descripción Electrónicos  Single 2-Line to 1-Line Data Selector Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G157DCUTE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVC2G157DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 9Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 10Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 11Page - Texas Instruments 74LVC2G157DCUTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
1
2
7
6
G
A/B
B
A
5
Y
Y
3
SN74LVC2G157
SCES207M – APRIL 1999 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
This single 2-line to 1-line data selector multiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G157 device features a common strobe (G) input. When the strobe is high, Y is low and Y is
high. When the strobe is low, a single bit is selected from one of two sources and is routed to the outputs. The
device provides true and complementary data.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC2G157 device has a wide operating VCC range of 1.65 V to 5.5 V, which allows it to be used in a
broad range of systems. The 5.5 V I/Os allow down translation and also allow voltages at the inputs when VCC =
0.
8.4 Device Functional Modes
Table 1 lists the functional modes for SN74LVC2G157.
Table 1. Function Table
INPUTS
OUTPUTS
G
A/B
A
B
Y
Y
H
X
X
X
L
H
L
L
L
X
L
H
L
L
H
X
H
L
L
H
X
L
L
H
L
H
X
H
H
L
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G157


Número de pieza similar - 74LVC2G157DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC2G157DCUTE4 TI-74LVC2G157DCUTE4 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
74LVC2G157DCUTE4 TI-74LVC2G157DCUTE4 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

Descripción similar - 74LVC2G157DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com