Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6403 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No. de pieza 2N6403
Descripción Electrónicos  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

2N6403 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  2N6403 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. 2N6403 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. 2N6403 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. 2N6403 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. 2N6403 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. 2N6403 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N6400 Series
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode –
Forward Blocking Region
IRRM at VRRM
(off state)
6.0
120
100
112
128
60°
α = 30°
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
Figure 1. Average Current Derating
IT(AV), AVERAGE ONSTATE FORWARD CURRENT (AMPS)
α
90°
12
0
4.0
8.0
TJ ≈ 125°C
Figure 2. Maximum On–State Power Dissipation
IT(AV), AVERAGE ONSTATE FORWARD CURRENT (AMPS)
7.0
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
α
4.0
5.0
7.0
180°
dc
10
2.0
6.0
14
16
4.0
5.0
6.0
60°
α = 30°
90°
180°
dc
124
104
108
116
10
9.0
120°
9.0
10
120°
www.kersemi.com


Número de pieza similar - 2N6403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6403 ONSEMI-2N6403 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
2N6403 ONSEMI-2N6403 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6403 NJSEMI-2N6403 Datasheet
150Kb / 1P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6403 ONSEMI-2N6403 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Digitron Semiconductors
2N6403 DIGITRON-2N6403 Datasheet
264Kb / 5P
   SILICON CONTROLLED RECTIFIERS
More results

Descripción similar - 2N6403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com