Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE66C162P-F7C Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SLE66C162P-F7C
Descripción Electrónicos  Security & Chip Card ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C162P-F7C Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66C162P-F7C Datasheet HTML 1Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 2Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 3Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 4Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 5Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 6Page - Infineon Technologies AG SLE66C162P-F7C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SLE 66C162P
Short Product Information
3 / 7
08.01
16-Bit Security Controller with MMU in 0.25µm CMOS Technology
72-Kbytes ROM, 2304 bytes RAM, 16-Kbytes EEPROM
Features
16-bit microcomputer in 0.25 µm CMOS
technology
Instruction set opcode compatible with
standard SAB 8051 processor
Enhanced 16-bit arithmetic
Additional powerful instructions optimized
for chip card applications
Dedicated, non-standard architecture with
execution time 6 times faster (18 times
by PLLmax) than standard SAB 8051
processor at same external clock
70 Kbytes User ROM for application
programs
Additional 2 Kbytes reserved ROM for
Resource Management System (RMS+
light) with intelligent EEPROM write/erase
routines
16 Kbytes Slim-EEPROM
2 Kbytes XRAM, 256 Bytes IRAM
Memory Management and Protection
Unit (MMU)
CRC Module
Interrupt Module
Two 16-bit Autoreload Timer
PLL
Power saving sleep mode
External clock frequency 1 to 7.5 MHz
for internal clock
≤ 10 MHz
UART for handling serial interface in
accordance with ISO/IEC 7816 part 3
supporting transmission protocols T=1
and T=0
I/O routines realized in software executable
Supply voltage range: 2.7 V to 5.5 V
Current consumption
< 10 mA @ 5.5 V
< 6 mA @ 3.3 V
Temperature range: -25 to +85°C
ESD protection larger than 6 kV
Slim-EEPROM
Reading, erasing and writing byte by byte
Flexible page mode for 1 to 64 bytes
write/erase operation
32 bytes security area (OTP)
Erase + Write time < 4.5 ms
Minimum of 500.000 write/erase cycles at
25°C
Data retention for a minimum of 10 years
EEPROM programming voltage generated on
chip
Memory Management and Protection Unit
Addressable memory up to 1 Mbyte
Separates OS (system) and application
(user)
System routines called by traps
OS can restrict access to peripherals in
application mode
Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
Low and high voltage sensors
Frequency sensors and filters
Memory Security
16 bytes security PROM, hardware
protected
Unique chip identification number for each
chip
MED - memory encryption/decryption device
for XRAM, ROM and EEPROM
True Random Number Generator with
Firmware test function
Security optimised layout and layout
scrambling


Número de pieza similar - SLE66C162P-F7C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE66C160S INFINEON-SLE66C160S Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-T85 INFINEON-SLE66C160S-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5 INFINEON-SLE66C160S-V5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-F7 INFINEON-SLE66C160S-V5-F7 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-T85 INFINEON-SLE66C160S-V5-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
More results

Descripción similar - SLE66C162P-F7C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com