Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLE66CL80P-C Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
SLE66CL80P-C Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 10 page µµ SLE 66CL80P Short Product Information 6 / 10 2004-04-01 Timing performances are independent of the contact or contactless interface. Table 1 Performance DDES-EC2 Accelerator Encryption Time for an 8-byte Block including Data Transfer Operation Data Block Length 5 MHz 15 MHz High Speed and Secure 56-bit Single DES Encryption (incl. key loading) 64 bit 37 µs 12 µs High Speed and Secure 56-bit Single DES Encryption 64 bit 23 µs 8 µs High Speed and Secure 112-bit Triple DES Encryption (incl. key loading) 64 bit 60 µs 20 µs High Speed and Secure 112-bit Triple DES Encryption 64 bit 35 µs 12 µs Calculation Time Operand Length 5 MHz 15 MHz Elliptic Curves GF(2n) EC-DSA Signature Generate 192 bit 285 ms 95 ms Elliptic Curves GF(2n) EC-DSA Signature Verify 192 bit 540 ms 180 ms Table 2 Ordering Information1 Type Package Voltage Range Temperature Range Frequency Range (external clock) SLE 66CL80P – M8.4 M8.42 SLE 66CL80P – C Chip 2.7 V - 5.5 V – 25°C to + 85°C 1 MHz – 7.5 MHz 1 Ordering Codes are available on request 2 Dual Interface Module (M8.4) |
Número de pieza similar - SLE66CL80P-C |
|
Descripción similar - SLE66CL80P-C |