Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC2040 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPIC2040
Descripción Electrónicos  Serial I/F Controlled 7-Channel Motor-Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC2040 Datasheet HTML 6Page - Texas Instruments TPIC2040 Datasheet HTML 7Page - Texas Instruments TPIC2040 Datasheet HTML 8Page - Texas Instruments TPIC2040 Datasheet HTML 9Page - Texas Instruments TPIC2040 Datasheet HTML 10Page - Texas Instruments TPIC2040 Datasheet HTML 11Page - Texas Instruments TPIC2040 Datasheet HTML 12Page - Texas Instruments TPIC2040 Datasheet HTML 13Page - Texas Instruments TPIC2040 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
TPIC2040
SLIS172 – DECEMBER 2015
www.ti.com
7.14 Electrical Characteristics – Serial Port Voltage Levels
over recommended operating free-air temperature range (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
80 %
SOMI
High-level output voltage, VOH
IOH = 1 mA
V
SIOV
20%
SOMI
Low-level output voltage, VOL
IOL = 1 mA
V
SIOV
70%
SIMO
High-level input voltage, VIH
V
SIOV
20%
SIMO
Low level input voltage, VIL
V
SIOV
SIMO
Input rise/fall time
10% 90% SIOV
3.5
ns
SOMI
Output rise/fall time(1)
Cload = 30 pF, 10% 90% SIOV
10
ns
SCLK
Internal pulldown resistance
80
200
320
k
SIMO
80
200
320
k
SSZ
Internal pullup resistance
80
200
320
k
(1)
Specified by design
7.15 Serial Port I/F Write Timing Requirements
see
(1)
MIN
NOM
MAX
UNIT
Fck
SCLK clock frequency
SIOV = 3.3 V
35
MHz
tckl
SCLK low time
11
ns
tckh
SCLK high time
11
ns
tsens
SSZ setup time
7
ns
tsenh
SSZ hold time
7
ns
tsl
SSZ disable high time
11
ns
tds
SIMO setup time (Write)
7
ns
tdh
SIMO hold time (Write)
7
ns
(1)
Specified by design
7.16 Serial I/F Read Timing Requirements
MIN
NOM
MAX
UNIT
Fck
SCLK clock frequency
SIOV = 3.3 V
35
MHz
tckl
SCLK low time
11
ns
tckh
SCLK high time
11
ns
tsens
SSZ setup time
7
ns
tsenh
SSZ hold time
7
ns
tsl
SSZ disable high time
11
ns
tds
SIMO setup time (Write)
7
ns
tdh
SIMO hold time (Write)
7
ns
trdly
SOMI delay time (Read)
CLOAD = 10 pF, SIOV = 3.3 V
2
9
ns
tsendl
SOMI hold time (Read)
CLOAD = 10 pF, SIOV = 3.3 V
2
9
ns
CLOAD = 10 pF, SIOV = 3.3 V
trls
SOMI release time (Read)
0
9
ns
From SSZ rise to SOMI HIZ
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPIC2040


Número de pieza similar - TPIC2040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
More results

Descripción similar - TPIC2040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com