Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6080-INTE3 Datasheet(PDF) 5 Page - Semtech Corporation

No. de pieza GS6080-INTE3
Descripción Electrónicos  Input signal trace equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6080-INTE3 Datasheet(HTML) 5 Page - Semtech Corporation

  GS6080-INTE3 Datasheet HTML 1Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 2Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 3Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 4Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 5Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 6Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
GS6080
Final Data Sheet
Rev.6
PDS-060045
September 2014
5 of 19
Proprietary & Confidential
www.semtech.com
6
DISABLE
Input
Output Disable (control signal input).
When set LOW, the entire device is powered-down.
When set HIGH, the SDO/SDO pins will output a serial data signal.
See Section 4.4 for details.
This pin has an internal pull-up.
9VCC
Power
Most positive power supply connection.
Connect to +3.3V or +2.5V.
10
SD_EN
Input
SD Slew Rate Enable (control signal input).
Sets the slew rate for SDO/SDO.
See Section 4.3.1 for details.
This pin has an internal pull-up.
11, 12
SDO, SDO
Output
Serial data differential output.
14
SP
Output
Signal Presence (status signal output).
Indicates presence of a signal at the pre-driver to the device’s output stage.
See Section 4.5 for details.
16
EQ_EN
Input
Equalizer Enable (control signal input).
See Section 4.2 for details.
This pin has an internal pull-up.
Note: this pin must be pulled HIGH or left floating for operation in SD mode.
Center Pad
Power
Connect to most negative power supply plane following the recommendations in
Recommended PCB Footprint on page 16.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS6080-INTE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INE3 SEMTECH-GS6081-INE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INTE3 SEMTECH-GS6081-INTE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
More results

Descripción similar - GS6080-INTE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
List of Unclassifed Man...
E3500 ETC1-E3500 Datasheet
604Kb / 2P
   EXPLOSIVES TRACE DETECTOR
logo
SICK AG
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com