Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6152-INE3 Datasheet(PDF) 11 Page - Semtech Corporation

No. de pieza GS6152-INE3
Descripción Electrónicos  Multi-Rate 6G UHD-SDI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152-INE3 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS6152-INE3 Datasheet HTML 7Page - Semtech Corporation GS6152-INE3 Datasheet HTML 8Page - Semtech Corporation GS6152-INE3 Datasheet HTML 9Page - Semtech Corporation GS6152-INE3 Datasheet HTML 10Page - Semtech Corporation GS6152-INE3 Datasheet HTML 11Page - Semtech Corporation GS6152-INE3 Datasheet HTML 12Page - Semtech Corporation GS6152-INE3 Datasheet HTML 13Page - Semtech Corporation GS6152-INE3 Datasheet HTML 14Page - Semtech Corporation GS6152-INE3 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
11 of 80
Semtech
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Input Data Rate (Bypass)
DRBYPASS
Bypass mode enabled
3
5940
Mb/s
1
Input Sensitivity
ΔV
SDI
Differential
200
800
mVppd
Output Voltage Swing
ΔV
DDO
Output Swing Register
Setting = 0100b
310
410
510
mVppd
2
Output Swing Register
Setting = 1100b
600
800
1000
mVppd
2
Serial Input Jitter
Tolerance
IJT
Square wave
modulation
0.8
UI
PLL Lock Time —
Asynchronous
tALOCK
Referenceless
50
ms
3
With External Reference
(MADI enabled)
——
30
ms
3
With External Reference
(MADI disabled)
——
20
ms
3
PLL Lock Time —
Synchronous
tSLOCK
Referenceless
10
μs
3
With External Reference
10
μs
3
Serial Data (DDO0 and
DDO1) Output Rise And
Fall Time
triseDDO
20% ~ 80% rising edge
into 50
Ω load
——
70
ps
4
tfallDDO
20% ~ 80% falling edge
into 50
Ω load
——
70
ps
4
Rise And Fall Time
Mismatch (DDO0 and
DDO1)
——
15
ps
4
Duty Cycle Distortion
(DDO0 and DDO1)
——
5
%
Serial Data Output Jitter
Intrinsic
tOJ(125Mb/s)
BW = Nominal
PRN 223 – 1 test pattern
0.02
0.03
UIP-P
5, 6
tOJ(270Mb/s)
0.02
0.03
UIP-P
5, 6
tOJ(1485Mb/s)
0.03
0.06
UIP-P
5, 6
tOJ(2970Mb/s)
0.04
0.09
UIP-P
5, 6
tOJ(5940Mb/s)
0.07
0.13
UIP-P
5, 6
tOJ(BYPASS)
——
37
ps
5, 6


Número de pieza similar - GS6152-INE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Descripción similar - GS6152-INE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com