Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS6152-INTE3 Datasheet(PDF) 7 Page - Semtech Corporation

No. de pieza GS6152-INTE3
Descripción Electrónicos  Multi-Rate 6G UHD-SDI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152-INTE3 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS6152-INTE3 Datasheet HTML 3Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 4Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 5Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 6Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 9Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 10Page - Semtech Corporation GS6152-INTE3 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
7 of 80
Semtech
Proprietary & Confidential
www.semtech.com
26
GPIO3
Digital
Input/Output
Multi-function Control/Status Input/Output 3.
Signal options are:
LOS
LOCKED
LBR_HBR
RATE_DET0
RATE_DET1
RATE_DET2
LOCKED_125M
LOCKED_270M
LOCKED_1G485
LOCKED_2G97
LOCKED_5G94
RATE_CHANGE
DDO0_DISABLE
DDO1_DISABLE (input; default)
This pin is configured using the GPIO3_SELECT and
GPIO3_IO_SELECT bits in the GPIO_CONTROL_REG_1 register.
27
RST
Digital Input
Reset pin. If set LOW, all blocks set to default conditions and
inputs/outputs set to high impedance. If HIGH, normal operation of
the device resumes. By default, internally pulled HIGH.
28
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output
driver. Connect to any voltage between 1.2V and 2.5V.
29, 32, 35
VEE_DDO
Power
Most negative power supply connections for the output drivers.
Connect to ground.
30, 31
DDO1, DDO1
Output
Differential serial data output 1.
33, 34
DDO0, DDO0
Output
Differential serial data output 0.
36
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output
driver. Connect to any voltage between 1.2V and 2.5V.
37
VCO_DFT_FILT
Power
Decoupling
Connect through decoupling capacitor to ground.
38
VCC_DFT
Power
Connect to 1.8V.
39
VEE_DFT
Power
Connect to ground.
40, 41
DFT_CLK_IN,
DFT_CLK_IN
Input
Connect to high-speed differential clock (AC coupled internally).
Leave unconnected if not using external DFT clock input feature.
42
VCC_CORE
Power
Most positive power supply connection to the analog core
Connect to 1.8V.
43
VEE_CORE
Power
Most negative power supply connection to the analog core
Connect to ground.
44
LF+
Passive
Connect to LF– through CLF
Refer to Figure 6-1: GS6152 Typical Application Circuit.
45
LF–
Passive
Connect to LF+ through CLF
Refer to Figure 6-1: GS6152 Typical Application Circuit.
Table 1-1: GS6152 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS6152-INTE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Descripción similar - GS6152-INTE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com