Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GX3190 Datasheet(PDF) 45 Page - Semtech Corporation

No. de pieza GX3190
Descripción Electrónicos  Crosspoint Switch with Trace Equalization and Output De-emphasis
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GX3190 Datasheet(HTML) 45 Page - Semtech Corporation

Back Button GX3190 Datasheet HTML 39Page - Semtech Corporation GX3190 Datasheet HTML 40Page - Semtech Corporation GX3190 Datasheet HTML 41Page - Semtech Corporation GX3190 Datasheet HTML 42Page - Semtech Corporation GX3190 Datasheet HTML 43Page - Semtech Corporation GX3190 Datasheet HTML 44Page - Semtech Corporation GX3190 Datasheet HTML 45Page - Semtech Corporation GX3190 Datasheet HTML 46Page - Semtech Corporation GX3190 Datasheet HTML 47Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
GX3190 146 x 290 3.5Gb/s Crosspoint
Final Data Sheet
Rev. 2
GENDOC-056076
March 2013
45 of 47
Proprietary & Confidential
www.semtech.com
6.2 Package Thermal Data and Information
6.3 Marking Diagram
Figure 6-2: Marking Diagram
Table 6-1: Package Thermal Data and Information
Parameter
Value
Package Type
50mm x 50mm HFC BGA
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance,
θj-c
0.31°C/W
Junction to Air Thermal Resistance,
θj-a (at zero
airflow)
N/A. This device requires a heat
sink. See Semtech’s Crosspoint
Design Guide.
Junction to Board Thermal Resistance,
θj-b
2.1°C/W
Pb-free and RoHS Compliant
Yes
Instructions:
GX3190
Package Mark
ZZZZZZ
Marking batch work order
information
E3
Pb-free & Green indicator
YYWW
Date Code
Pin 1
Indicator
GX3190
ZZZZZZE3
XXXXXX-YYWW
XXXXXX
Assembly batch work order
information


Número de pieza similar - GX3190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146-CBE3 SEMTECH-GX3146-CBE3 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
More results

Descripción similar - GX3190

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com