Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS13101 Datasheet(PDF) 6 Page - Semtech Corporation

No. de pieza TS13101
Descripción Electrónicos  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS13101 Datasheet HTML 2Page - Semtech Corporation TS13101 Datasheet HTML 3Page - Semtech Corporation TS13101 Datasheet HTML 4Page - Semtech Corporation TS13101 Datasheet HTML 5Page - Semtech Corporation TS13101 Datasheet HTML 6Page - Semtech Corporation TS13101 Datasheet HTML 7Page - Semtech Corporation TS13101 Datasheet HTML 8Page - Semtech Corporation TS13101 Datasheet HTML 9Page - Semtech Corporation TS13101 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
www.semtech.com
6 of 10
Semtech
Application Waveforms
Switch State
DATA
OFF
OFF
ON
Over Current Detected
Toff-Norm & Iout<Ioff-TH
OR Fast Off Sequence
Given
ON
Turn-On
Sequence
Figure 4: Over-current Shut-down and Restart
Figure 2: Clock Turn-on Sequence
CLK
NclkOn-Init
TLow-ON
Switch State
NclkOn
Figure 3: High-speed Turn-off Mode
CLK
TfastOff
NclkFO-EN
TfastOff-Init
Fast
Turn-off
Switch State
Figure 5: Latch Mode On / Off Sequence
On Sequence
On Sequence Off Sequence
Switch State
Latched ON
Clock


Número de pieza similar - TS13101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

Descripción similar - TS13101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com