Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5221 Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza TDA5221
Descripción Electrónicos  ASK/FSK Single Conversion Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5221 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TDA5221 Datasheet HTML 3Page - Infineon Technologies AG TDA5221 Datasheet HTML 4Page - Infineon Technologies AG TDA5221 Datasheet HTML 5Page - Infineon Technologies AG TDA5221 Datasheet HTML 6Page - Infineon Technologies AG TDA5221 Datasheet HTML 7Page - Infineon Technologies AG TDA5221 Datasheet HTML 8Page - Infineon Technologies AG TDA5221 Datasheet HTML 9Page - Infineon Technologies AG TDA5221 Datasheet HTML 10Page - Infineon Technologies AG TDA5221 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Product Description
2 - 2
TDA 5221
preliminary
Wireless Components
Target Specification, October 2001
2.1 Overview
The IC is a very low power consumption single chip FSK/ASK Superheterodyne
Receiver (SHR) for receive frequencies between 300 and 340 MHz. The IC
offers a high level of integration and needs only a few external components. The
device contains a low noise amplifier (LNA), a double balanced mixer, a fully
integrated VCO, a PLL synthesiser, a crystal oscillator, a limiter with RSSI gen-
erator, a PLL FSK demodulator, a data filter, a data comparator (slicer) and a
peak detector. Additionally there is a power down feature to save battery life.
2.2 Application
s
Keyless Entry Systems
s
Remote Control Systems
s
Alarm Systems
s
Low Bitrate Communication Systems
2.3 Features
s
Low supply current (Is = 6.4 mA typ.FSK mode, 5.6 mA typ. ASK mode)
s
Supply voltage range 5V ±10%
s
Power down mode with very low supply current (50nA typ.)
s
FSK and ASK demodulation capability
s
Fully integrated VCO and PLL Synthesiser
s
RF input sensitivity ASK -113dBm typ. at 25°C, better than -110dBm over
complete specified operating temperature range (-40 to +105°C)
s
RF input sensitivity FSK -105dBm typ. at 25°C, better than -102dBm over
complete specified operating temperature range (-40 to +105°C)
s
Receive frequency range between 310 and 340 MHz
s
Selectable reference frequency
s
Limiter with RSSI generation, operating at 10.7MHz
s
2nd order low pass data filter with external capacitors
s
Data slicer with self-adjusting threshold


Número de pieza similar - TDA5221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5220 INFINEON-TDA5220 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5220 INFINEON-TDA5220_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
More results

Descripción similar - TDA5221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com