Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA6131XS Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de pieza TDA6131XS
Descripción Electrónicos  Mixer/Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6131XS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TDA6131XS Datasheet HTML 5Page - Infineon Technologies AG TDA6131XS Datasheet HTML 6Page - Infineon Technologies AG TDA6131XS Datasheet HTML 7Page - Infineon Technologies AG TDA6131XS Datasheet HTML 8Page - Infineon Technologies AG TDA6131XS Datasheet HTML 9Page - Infineon Technologies AG TDA6131XS Datasheet HTML 10Page - Infineon Technologies AG TDA6131XS Datasheet HTML 11Page - Infineon Technologies AG TDA6131XS Datasheet HTML 12Page - Infineon Technologies AG TDA6131XS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description
3 - 2
TDA 6131
preliminary
Wireless Components
Specification, March 2000
3.1 Pin Configuration
Pin_config.wmf
Figure 3-1
Pin Configuration
3.2 Pin Definition and Function
AC
VR EF
MIB X
MIE X
MIE
MIB
GN D
IN
BR EF
AB
AE
STB
MO
MO X
VC C
IN X
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TD A 6131X S
Table 3-1 Pin Definition and Function
Pin No.
Symbol
Equivalent I/O-Schematic
Function
1
BREF
Reference voltage for amplifier/oscillator VBE
2
AB
Amplifier / Oscillator base
3
AE
Amplifier / Oscillator emitter
4
STB
Standby circuit
5
MO
Mixer signal open collector output, not inverted
6
MOX
Mixer signal open collector output, inverted,
7
VCC
Voltage supply
8
INX
Mixer signal base input, inverted
9
IN
Mixer signal base input, not inverted
10
GND
Ground
11
MIB
Mixer local oscillator base input, not inverted
12
MIE
Mixer local oscillator emitter input, not inverted
13
MIEX
Mixer local oscillator emitter input, inverted
14
MIBX
Mixer local oscillator base input, inverted
15
VREF
Constant reference voltage
16
AC
Amplifier / Oscillator collector


Número de pieza similar - TDA6131XS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA6130-5X4 SIEMENS-TDA6130-5X4 Datasheet
177Kb / 8P
   2-GHz MIXER
More results

Descripción similar - TDA6131XS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
logo
List of Unclassifed Man...
2SC717 ETC-2SC717 Datasheet
40Kb / 1P
   VHF RF AMPLIFIER, MIXER, OSCILLATOR
logo
NXP Semiconductors
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
logo
Fairchild Semiconductor
KSC2757 FAIRCHILD-KSC2757 Datasheet
77Kb / 5P
   Mixer Oscillator for VHF Tuner
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
NXP Semiconductors
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
logo
Mitel Networks Corporat...
SL2030 MITEL-SL2030 Datasheet
63Kb / 6P
   High Performance Broadband Mixer Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com