Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2403 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM2403
Descripción Electrónicos  Monolithic Triple 4.5 nS CRT Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2403 Datasheet(HTML) 5 Page - Texas Instruments

  LM2403 Datasheet HTML 1Page - Texas Instruments LM2403 Datasheet HTML 2Page - Texas Instruments LM2403 Datasheet HTML 3Page - Texas Instruments LM2403 Datasheet HTML 4Page - Texas Instruments LM2403 Datasheet HTML 5Page - Texas Instruments LM2403 Datasheet HTML 6Page - Texas Instruments LM2403 Datasheet HTML 7Page - Texas Instruments LM2403 Datasheet HTML 8Page - Texas Instruments LM2403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OBSOLETE
LM2403
www.ti.com
SNOS019B – AUGUST 1999 – REVISED APRIL 2013
THEORY OF OPERATION
The LM2403 is a high voltage monolithic three channel CRT driver suitable for high resolution display
applications. The LM2403 operates using 80V and 12V power supplies. The part is housed in the industry
standard 11-lead TO-220 molded plastic power package.
The simplified circuit diagram of the LM2403 is shown in Figure 2. A PNP emitter follower, Q1, provides input
buffering. The 14 k
Ω feedback resistor and the 1 kΩ input resistor sets the gain of the inverting op-amp to -14.
Emitter followers Q2 and Q3 isolate the output of the feedback amplifier from the capacitance of the CRT
cathode, and make the circuit relatively insensitive to load capacitance.
Figure 3 shows a typical test circuit for evaluation of the LM2403. This circuit is designed to allow testing of the
LM2403 in a 50
Ω environment without the use of an expensive FET probe. In this test circuit, two low inductance
resistors in series totaling 4.95 k
Ω form a 100:1 wideband low capacitance probe when connected to a 50Ω
cable and load. The input signal from the generator is ac coupled to the base of Q1.
Figure 10.
Figure 10 shows the large signal sine wave frequency response of the LM2403. The frequency response rolls off
very rapidly above the bandwidth limit of the amplifier. There are two reasons for this fast response roll-off:
1. The LM2403 contains an input low pass filter to help remove unwanted high frequency harmonics that can
cause EMI problems. This filter does not significantly affect the rise and fall times of the signal as it operates
above the
−3 dB bandwidth of the device.
2. The internal feedback network of the closed loop amplifier holds the gain at
−14 until the loop gain drops
below unity. Above this frequency, the amplifier response falls with the open loop gain of the amplifier, as the
feedback ceases to have any significant effect. There is also a change in the impedance match between the
op-amp and the emitter follower output stage with large signals at higher frequencies. This creates a gain
boost that extends the bandwidth, then gives a sudden roll off as shown in Figure 10. The exact response of
this roll off may vary slightly depending upon operating conditions, signal amplitude etc.
In both cases, the fast roll of the high frequency harmonics will help to limit the creation of high frequency EMI
harmonics, without limiting video rise and fall time characteristics. However, due to the very fast switching
speeds of the device, good layout design for EMI is CRITICAL. Path lengths and loop areas of the video signals
must be kept to a minimum.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2403


Número de pieza similar - LM2403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2403 NSC-LM2403 Datasheet
709Kb / 11P
   Monolithic Triple 4.5 nS CRT Driver
LM2403T NSC-LM2403T Datasheet
709Kb / 11P
   Monolithic Triple 4.5 nS CRT Driver
More results

Descripción similar - LM2403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
   Monolithic Triple 4.5 ns CRT Driver
LM2403 NSC-LM2403 Datasheet
709Kb / 11P
   Monolithic Triple 4.5 nS CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com