Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML348S-05ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

No. de pieza ML348S-05ERW
Descripción Electrónicos  Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML348S-05ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML348S-05ERW Datasheet HTML 1Page - MicroPower Direct, LLC ML348S-05ERW Datasheet HTML 2Page - MicroPower Direct, LLC ML348S-05ERW Datasheet HTML 3Page - MicroPower Direct, LLC ML348S-05ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. When measuring output ripple & noise, it is recommended
that an external ceramic capacitor (approx
10 µF) be placed from the +VOUT to the -VOUT pins.
2. Transient recovery is measured to within a 1% error
band for a load step change of 25%.
3. Short circuit protection is provided by a “hiccup mode”
circuit.
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML312S-05ERW
12
9.0 - 18.0
333
22
5.0
600
30
75
3,300
600
ML312S-12ERW
12
9.0 - 18.0
325
22
12.0
250
12
77
1,800
600
ML312S-15ERW
12
9.0 - 18.0
316
22
15.0
200
10
79
1,000
600
ML324S-05ERW
24
18.0 - 36.0
164
12
5.0
600
30
76
3,300
300
ML324S-12ERW
24
18.0 - 36.0
154
12
12.0
250
12
81
1,800
300
ML324S-15ERW
24
18.0 - 36.0
156
12
15.0
200
10
80
1,000
300
ML348S-05ERW
48
36.0 - 75.0
81
8
5.0
600
30
77
3,300
150
ML348S-12ERW
48
36.0 - 75.0
78
8
12.0
250
12
80
1,800
150
ML348S-15ERW
48
36.0 - 75.0
78
8
15.0
200
10
80
1,000
150
Efficiency vs Output Load 48 VDC Input
Efficiency vs Input Voltage 48 VDC Input
Efficiency vs Output Load 24 VDC Input
Efficiency vs Input Voltage 24 VDC Input
4, These units should not be operated with a load under 5% of
full load. Operation at no-load will not damage the unit, but
they may not meet all specifications.
5. The recommended reflow settings are a peak temperature
of 245 °C for a maximum period (TPK) of 10S and a time
above liquidous (TL) of <60 seconds at 217 °C. A sug-
gested temperature profile is shown on page four. For more
information, please contact the factory.
6. It is recommended that a fuse be used on the input of a
power supply for protection. See the Model Selection table
above for the correct rating.


Número de pieza similar - ML348S-05ERW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
ML348S-05RU MPD-ML348S-05RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results

Descripción similar - ML348S-05ERW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
   Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
A300ERU MPD-A300ERU Datasheet
218Kb / 2P
   Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com