Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S-93C46A Datasheet(PDF) 5 Page - Seiko Instruments Inc

No. de Pieza. S-93C46A
Descripción  CMOS SERIAL E2PROM
Descarga  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo 

S-93C46A Datasheet(HTML) 5 Page - Seiko Instruments Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
CMOS SERIAL E
2PROM
S-93C46A/56A/66A
Seiko Instruments Inc.
4
n
DC Electrical Characteristics
Parameter
Smbl
Conditions
VCC=4.5 V to 5.5 V
VCC=2.5 V to 4.5 V
VCC=1.8 to 2.5 V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Current
consumption
(READ)
ICC1
DO unloaded
0.8
0.6
0.4
mA
Current
consumption
(PROGRAM)
ICC2
DO unloaded
2.0
1.5
1.0
mA
Parameter
Smbl
Conditions
VCC=4.5 V to 5.5 V
VCC=2.5 to 4.5 V
VCC=1.8 to 2.5 V
Unit
Min.
Typ. Max.
Min.
Typ. Max.
Min.
Typ. Max.
Standby current
consumption
ISB
CS=GND DO=Open
Connected to VCC or GND
1.0
0.6
0.4
µA
Input leakage
current
ILI
VIN=GND to VCC
0.1
1.0
0.1
1.0
0.1
1.0
µA
Output leakage
current
ILO
VOUT=GND to VCC
0.1
1.0
0.1
1.0
0.1
1.0
µA
Low level output
VOL
IOL=2.1 mA
0.4
V
voltage
IOL=100
µA
0.1
0.1
0.1
V
High level output
VOH
IOH=-400
µA
2.4
V
voltage
IOH=-100
µA
VCC-0.7
 V
CC-0.7
V
IOH=-10
µA
VCC-0.7
 V
CC-0.7
VCC-0.2
V
Write enable latch
data hold voltage
VDH
Only when write disable
mode
1.5
1.5
1.5
V
Table
7
Table
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn