Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3420-8.2 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM3420-8.2
Descripción Electrónicos  Lithium-Ion Battery Charge Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3420-8.2 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3420-8.2 Datasheet HTML 8Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 9Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 10Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 11Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 12Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 13Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 14Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 15Page - National Semiconductor (TI) LM3420-8.2 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
V
REG External Voltage Trim (Continued)
R
increase = 26x10
5/%incr
R
decrease = (150x10
5/%decr) − 176x103
For LM3420-8.4
R
increase = 26x10
5/%incr
R
decrease = (154x10
5/%decr) − 181x103
For LM3420-12.6
R
increase = 28x10
5/%incr
R
decrease = (259x10
5/%decr) − 287x103
For LM3420-16.8
R
increase = 29x10
5/%incr
R
decrease = (364x10
5/%decr) − 392x103
Application Information
The LM3420 regulator/driver provides the reference and
feedback drive functions for a Lithium-Ion battery charger. It
can be used in many different charger configurations using
both linear and switching topologies to provide the precision
needed for charging Lithium-Ion batteries safely and effi-
ciently. Output voltage tolerances better than 0.5% are pos-
sible without using trim pots or precision resistors. The cir-
cuits shown are designed for 2 cell operation, but they can
readily be changed for either 1, 3 or 4 cell charging applica-
tions.
One item to keep in mind when designing with the LM3420 is
that there are parasitic diodes present. In some designs, un-
der special electrical conditions, unwanted currents may
flow. Parasitic diodes exist from OUT to IN, as well as from
GROUND to IN. In both instances the diode arrow is pointed
toward the IN pin.
Application Circuits
The circuit shown in
Figure 5 performs constant-current,
constant-voltage charging of two Li-Ion cells. At the begin-
ning of the charge cycle, when the battery voltage is less
than 8.4V, the LM3420 sources no current from the OUT pin,
keeping Q2 off, thus allowing the LM317 Adjustable voltage
regulator to operate as a constant-current source. (The
LM317 is rated for currents up to 1.5A, and the LM350 and
LM338 can be used for higher currents.) The LM317 forces
a constant 1.25V across R
LIM, thus generating a constant
current of
I
LIM = 1.25V/RLIM
Transistor Q1 provides a disconnect between the battery
and the LM3420 when the input voltage is removed. This
prevents the 85 µA quiescent current of the LM3420 from
eventually discharging the battery. In this application Q1 is
used as a low offset saturated switch, with the majority of the
base drive current flowing through the collector and crossing
over to the emitter as the battery becomes fully charged. It
provides a very low collector to emitter saturation voltage
(approximately 5 mV). Diode D1 is also used to prevent the
battery current from flowing through the LM317 regulator
from the output to the input when the DC input voltage is re-
moved.
As the battery charges, its voltage begins to rise, and is
sensed at the IN pin of the LM3420. Once the battery voltage
reaches 8.4V, the LM3420 begins to regulate and starts
sourcing current to the base of Q2. Transistor Q2 begins
DS012359-1
FIGURE 5. Constant Current/Constant Voltage Li-Ion Battery Charger
DS012359-11
FIGURE 6. Low Drop-Out Constant Current/Constant Voltage 2-Cell Charger
www.national.com
12


Número de pieza similar - LM3420-8.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results

Descripción similar - LM3420-8.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Texas Instruments
UCC3956DW TI-UCC3956DW Datasheet
535Kb / 19P
[Old version datasheet]   SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com