Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-A6132 Datasheet(PDF) 8 Page - Sanken electric

No. de pieza STR-A6132
Descripción Electrónicos  Off-Line PRC Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6132 Datasheet(HTML) 8 Page - Sanken electric

Back Button STR-A6132 Datasheet HTML 4Page - Sanken electric STR-A6132 Datasheet HTML 5Page - Sanken electric STR-A6132 Datasheet HTML 6Page - Sanken electric STR-A6132 Datasheet HTML 7Page - Sanken electric STR-A6132 Datasheet HTML 8Page - Sanken electric STR-A6132 Datasheet HTML 9Page - Sanken electric STR-A6132 Datasheet HTML 10Page - Sanken electric STR-A6132 Datasheet HTML 11Page - Sanken electric STR-A6132 Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
STR-A6100 Series
STR-A6100 - DS Rev.2.1
SANKEN ELECTRIC CO.,LTD.
8
Jun. 05, 2014
3.5 Transient Thermal Resistance Curves
STR-A6131 / 31M
STR-A6132
STR-A6151 / 51M
STR-A6159 / 59M
0.01
0.1
1
10
100
Time (s)
0.01
0.1
1
10
Time (s)
0.01
0.1
1
10
100
Time (s)
0.01
0.1
1
10
Time (s)
10µ
100µ
1m
10m
100m
1
10
10µ
100µ
1m
10m
100m
10µ
100µ
1m
10m
100m
1
10
10µ
100µ
1m
10m
100m


Número de pieza similar - STR-A6132

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-A6132 SANKEN-STR-A6132 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
More results

Descripción similar - STR-A6132

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-A6131 SANKEN-STR-A6131 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6131M SANKEN-STR-A6131M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151M SANKEN-STR-A6151M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6169 SANKEN-STR-A6169 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6153E SANKEN-STR-A6153E Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151 SANKEN-STR-A6151 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159M SANKEN-STR-A6159M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159 SANKEN-STR-A6159 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com