Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-W6000S Datasheet(PDF) 4 Page - Sanken electric

No. de pieza STR-W6000S
Descripción Electrónicos  Off-Line PWM Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6000S Datasheet(HTML) 4 Page - Sanken electric

  STR-W6000S Datasheet HTML 1Page - Sanken electric STR-W6000S Datasheet HTML 2Page - Sanken electric STR-W6000S Datasheet HTML 3Page - Sanken electric STR-W6000S Datasheet HTML 4Page - Sanken electric STR-W6000S Datasheet HTML 5Page - Sanken electric STR-W6000S Datasheet HTML 6Page - Sanken electric STR-W6000S Datasheet HTML 7Page - Sanken electric STR-W6000S Datasheet HTML 8Page - Sanken electric STR-W6000S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
STR-W6000S Series
STR-W6000S - DS Rev.2.0
SANKEN ELECTRIC CO.,LTD.
4
Aug. 07, 2014
2.
Electrical Characteristics
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A = 25 °C, VCC = 18 V
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Notes
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
4 – 5
13.8
15.3
16.8
V
Operation Stop Voltage
(1)
VCC(OFF)
4 – 5
7.3
8.1
8.9
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
4 – 5
2.5
mA
Startup Circuit Operation
Voltage
VST(ON)
4 – 5
40
V
Startup Current
ISTARTUP
VCC = 13.5 V 4 – 5
− 3.9
− 2.5
− 1.1
mA
Startup Current Biasing
Threshold Voltage
VCC(BIAS)
ICC
= − 100 µA
4 – 5
8.5
9.5
10.5
V
Normal Operation
Average Switching
Frequency
fOSC(AVG)
1 – 5
60
67
74
kHz
Switching Frequency
Modulation Deviation
Δf
1 – 5
5
kHz
Maximum ON Duty
DMAX
1 – 5
63
71
79
%
Protection Function
Leading Edge Blanking Time
tBW
390
ns
OCP Compensation
Coefficient
DPC
18
mV/μs
OCP Compensation ON Duty
DDPC
36
%
OCP Threshold Voltage at
Zero ON Duty
VOCP(L)
3 – 5
0.70
0.78
0.86
V
OCP Threshold Voltage at
36% ON Duty
VOCP(H)
VCC = 32 V
3 – 5
0.79
0.88
0.97
V
Maximum Feedback Current
IFB(MAX)
VCC = 12 V
6 – 5
− 340
− 230
− 150
µA
Minimum Feedback Current
IFB(MIN)
6 – 5
− 30
− 15
− 7
µA
FB/OLP pin Oscillation Stop
Threshold Voltage
VFB(STB)
6 – 5
0.85
0.95
1.05
V
OLP Threshold Voltage
VFB(OLP)
6 – 5
7.3
8.1
8.9
V
OLP Operation Current
ICC(OLP)
VCC = 12 V
4 – 5
300
µA
OLP Delay Time
tOLP
6 – 5
54
68
82
ms
FB/OLP Pin Clamp Voltage
VFB(CLAMP)
6 – 5
11
12.8
14
V
Brown-In Threshold Voltage
VBR(IN)
VCC = 32 V
7 – 5
5.2
5.6
6
V
Brown-Out Threshold
Voltage
VBR(OUT)
VCC = 32 V
7 – 5
4.45
4.8
5.15
V
BR Pin Clamp Voltage
VBR(CLAMP) VCC = 32 V
7 – 5
6
6.4
7
V
BR Function Disabling
Threshold
VBR(DIS)
VCC = 32 V
7 – 5
0.3
0.48
0.7
V
OVP Threshold Voltage
VCC(OVP)
4 – 5
26
29
32
V
Thermal Shutdown Operating
Temperature
Tj(TSD)
130
°C
(1) V
CC(BIAS) > VCC(OFF) always.


Número de pieza similar - STR-W6000S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-W6051S SANKEN-STR-W6051S Datasheet
216Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-W6052S SANKEN-STR-W6052S Datasheet
216Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-W6053S SANKEN-STR-W6053S Datasheet
216Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-W605XS SANKEN-STR-W605XS Datasheet
216Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results

Descripción similar - STR-W6000S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com