Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-W6051S Datasheet(PDF) 1 Page - Sanken electric

No. de pieza STR-W6051S
Descripción Electrónicos  Off-Line PWM Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6051S Datasheet(HTML) 1 Page - Sanken electric

  STR-W6051S Datasheet HTML 1Page - Sanken electric STR-W6051S Datasheet HTML 2Page - Sanken electric STR-W6051S Datasheet HTML 3Page - Sanken electric STR-W6051S Datasheet HTML 4Page - Sanken electric STR-W6051S Datasheet HTML 5Page - Sanken electric STR-W6051S Datasheet HTML 6Page - Sanken electric STR-W6051S Datasheet HTML 7Page - Sanken electric STR-W6051S Datasheet HTML 8Page - Sanken electric STR-W6051S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S Series
STR-W6000S - DS Rev.2.0
SANKEN ELECTRIC CO.,LTD.
1
Aug. 07, 2014
General Descriptions
The STR-W6000S series are power ICs for switching
power supplies, incorporating a MOSFET and a current
mode PWM controller IC.
The low standby power is accomplished by the
automatic switching between the PWM operation in
normal operation and the burst-oscillation under light
load
conditions.
The
product
achieves
high
cost-performance power supply systems with few
external components.
Features
Current Mode Type PWM Control
Brown-In and Brown-Out function
Auto Standby Function
No Load Power Consumption < 30 mW
Operation Mode
Normal Operation ----------------------------- PWM Mode
Standby ---------------------------- Burst Oscillation Mode
Random Switching Function
Slope Compensation Function
Leading Edge Blanking Function
Bias Assist Function
Audible Noise Suppression function during Standby
mode
Protections
・Overcurrent Protection (OCP); Pulse-by-Pulse,
built-in compensation circuit to minimize OCP point
variation on AC input voltage
・Overload Protection (OLP); auto-restart
・Overvoltage Protection (OVP); auto-restart
・Thermal Shutdown Protection (TSD); auto-restart
Typical Application Circuit
VAC
C1
C6
R1
D1
D2
R2
C2
T1
D51
C51
R51
R52
U51
R54
R56
C52
D
P
S
PC1
PC1
C3
ROCP
CY
BR1
R53
R55
L51
C53
C5
1
7
6
5
3 4
STR-W6000S
U1
RC
C4
RA
RB
TC_STR-W6000S_1_R1
VOUT(+)
VOUT(-)
Package
TO220F-6L
Not to Scale
Lineup
Electrical Characteristics
fOSC(AVG) = 67 kHz
Products
VDSS
(min.)
RDS(ON)
(max.)
STR-W6051S
650 V
3.95 Ω
STR-W6052S
2.8 Ω
STR-W6053S
1.9 Ω
STR-W6072S
800 V
3.6 Ω
Output Power, P
OUT*
Products
POUT (Open frame)
AC230V
AC85~265V
STR-W6051S
45 W
30 W
STR-W6052S
60 W
40 W
STR-W6053S
90 W
60 W
STR-W6072S
50 W
32 W
* The output power is actual continues power that is measured at
50 °C ambient. The peak output power can be 120 to 140 % of the
value stated here. Core size, ON Duty, and thermal design affect
the output power. It may be less than the value stated here.
Applications
White goods
Office automation equipment
Industrial equipment
http://www.sanken-ele.co.jp/en/


Número de pieza similar - STR-W6051S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-W6051S SANKEN-STR-W6051S Datasheet
216Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results

Descripción similar - STR-W6051S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com