Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-A6169 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza STR-A6169
Descripción Electrónicos  Off-Line PRC Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6169 Datasheet(HTML) 1 Page - Sanken electric

  STR-A6169 Datasheet HTML 1Page - Sanken electric STR-A6169 Datasheet HTML 2Page - Sanken electric STR-A6169 Datasheet HTML 3Page - Sanken electric STR-A6169 Datasheet HTML 4Page - Sanken electric STR-A6169 Datasheet HTML 5Page - Sanken electric STR-A6169 Datasheet HTML 6Page - Sanken electric STR-A6169 Datasheet HTML 7Page - Sanken electric STR-A6169 Datasheet HTML 8Page - Sanken electric STR-A6169 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6100 Series
STR-A6100 - DS Rev.2.1
SANKEN ELECTRIC CO.,LTD.
1
Jun. 05, 2014
General Descriptions
The STR-A6100 series are power ICs for switching
power supplies, incorporating a MOSFET and a current
mode PRC controller IC.
PRC (Pulse Ratio Control) controls on-time with
fixed off-time.
The IC includes a startup circuit and a standby
function to achieve the low standby power. The rich set
of protection features helps to realize low component
counts, and high performance-to-cost power supply.
Features
Current Mode Type Pulse Ratio Control
Auto Standby Function
Normal Operation ------------------------------ PRC Mode
Standby ---------------------------- Burst Oscillation Mode
No Load Power Consumption < 40mW
Leading Edge Blanking Function
Auto Bias Function
Protections
Overcurrent Protection (OCP); pulse-by-pulse
Overload Protection (OLP); auto-restart
Overvoltage Protection (OVP); latched shutdown
Thermal Shutdown Protection (TSD); latched
shutdown
Typical Application Circuit
VAC
C1
C5
R1
D1
D2
R2
C2
T1
D51
C51
R51
R52
U2
R54
R56
C52
D
P
S
PC1
PC1
C4
ROCP
BR1
R53
R55
L51
C53
C6
VOUT
(-)
1
2
3
4
D
D
VCC
NC
S/OCP
FB/OLP
GND
ST
8
7
5
STR-A6100
U1
CY
C3
DZ1
DST
(+)
Package
DIP8
Not to Scale
Lineup
Electrical Characteristics
Products
Fixed
off-time
Auto bias
function
Startup
resistance
STR-A61××
8 μs
Yes
STR-A61××M
11.5 μs
STR-A61××E
11.5 μs
Yes*
* ST pin does not need Diode.
Power MOSFET Electrical Characteristics and output
power, POUT
(1)
Products
VDSS
(min.)
RDS(ON)
(max.)
POUT
(
Open frame)
AC220V
AC85
~265V
STR-A6132
500 V
2.62 Ω
16 W
(2)
18 W
(3)
STR-A6131
3.95 Ω
13 W
(2)
15 W
(3)
STR-A6131M
STR-A6153E
650 V
1.9 Ω
22 W
18 W
STR-A6151
3.95 Ω
15 W
13 W
STR-A6151M
STR-A6159
6 Ω
13 W
10 W
STR-A6159M
STR-A6169
800 V
19.2 Ω
8 W
5 W
(1) The output power is actual continues power that is
measured at 50 °C ambient. The peak output power can be
120 to 140 % of the value stated here. Core size, ON Duty,
and thermal design affect the output power. It may be less
than the value stated here.
(2) AC100V
(3) AC120V
Applications
White goods
Auxiliary SMPS
Low power SMPS, etc.
1
5
6
7
8
4
2
S/OCP
VCC
FB/OLP
ST
D
D
GND
http://www.sanken-ele.co.jp/en/


Número de pieza similar - STR-A6169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
logo
Sanken electric
STR-A6169 SANKEN-STR-A6169 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
STR-A6169 SANKEN-STR-A6169 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
More results

Descripción similar - STR-A6169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-A6131 SANKEN-STR-A6131 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6131M SANKEN-STR-A6131M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151M SANKEN-STR-A6151M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6169 SANKEN-STR-A6169 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6153E SANKEN-STR-A6153E Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151 SANKEN-STR-A6151 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159M SANKEN-STR-A6159M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159 SANKEN-STR-A6159 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com