Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR-Y6754 Datasheet(PDF) 3 Page - Sanken electric

No. de pieza STR-Y6754
Descripción Electrónicos  Quasi-Resonant Controllers with Integrated Power MOSFET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6754 Datasheet(HTML) 3 Page - Sanken electric

  STR-Y6754 Datasheet HTML 1Page - Sanken electric STR-Y6754 Datasheet HTML 2Page - Sanken electric STR-Y6754 Datasheet HTML 3Page - Sanken electric STR-Y6754 Datasheet HTML 4Page - Sanken electric STR-Y6754 Datasheet HTML 5Page - Sanken electric STR-Y6754 Datasheet HTML 6Page - Sanken electric STR-Y6754 Datasheet HTML 7Page - Sanken electric STR-Y6754 Datasheet HTML 8Page - Sanken electric STR-Y6754 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
STR-Y6700 Series
STR-Y6700 - DS Rev.4.0
SANKEN ELECTRIC CO.,LTD.
3
Oct. 07, 2014
1.
Absolute Maximum Ratings
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified T
A = 25 °C
Parameter
Symbol
Test Conditions
Pins
Rating
Units
Notes
Drain Peak Current
(1)
IDPEAK
Single pulse
1 – 2
6.7
A
STR–Y6763 / 63A
8.9
STR–Y6765
9.2
STR–Y6753
10.5
STR–Y6766 / 66A
11.0
STR–Y6754
14.6
STR–Y6735 / 35A
Maximum Switching Current
(2)
IDMAX
Single pulse
Ta=
20 to 125°C
1 – 2
6.7
A
STR–Y6763 / 63A
8.9
STR–Y6765
9.2
STR–Y6753
10.5
STR–Y6766 / 66A
11.0
STR–Y6754
14.6
STR–Y6735 / 35A
Avalanche Energy
(3)(4)
EAS
ILPEAK=2.3A
1 – 2
60
mJ
STR–Y6763 / 63A
ILPEAK=2.6A
77
STR–Y6765
ILPEAK=2.9A
99
STR–Y6753
ILPEAK=3.2A
116
STR–Y6766 / 66A
ILPEAK=4.1A
198
STR–Y6754
ILPEAK=3.5A
152
STR–Y6735 / 35A
D/ST Pin Voltage
VSTARTUP
1 − 4
1.0 to V
DSS
V
S/OCP Pin Voltage
VOCP
2 – 4
− 2.0 to 6.0
V
VCC Pin Voltage
VCC
3 – 4
35
V
FB/OLP Pin Voltage
VFB
5 – 4
− 0.3 to 7.0
V
FB/OLP Pin Sink Current
IFB
5 – 4
10.0
mA
BD Pin Voltage
VBD
6 – 4
− 6.0 to 6.0
V
Power Dissipation
(5)
PD1
With infinite
heatsink
1 – 2
19.9
W
STR–Y6763 / 63A
21.8
STR–Y6765
20.2
STR–Y6753
23.6
STR–Y6766 / 66A
21.5
STR–Y6735 / 35A
STR–Y6754
Without heatsink
1 – 2
1.8
W
Control Part Power Dissipation
PD2
VCC×ICC
3 – 4
0.8
W
Internal Frame Temperature in
Operation
TF
− 20 to 115
°C
Operating Ambient Temperature
TOP
− 20 to 115
°C
Storage Temperature
Tstg
− 40 to 125
°C
Junction Temperature
Tch
150
°C
(1) Refer to 3.3 MOSFET Safe Operating Area Curves
(2) The maximum switching current is the drain current determined by the drive voltage of the IC and threshold voltage
(Vth) of the MOSFET.
(3) Refer to Figure 3-2 Avalanche Energy Derating Coefficient Curve
(4) Single pulse, V
DD = 99 V, L = 20 mH
(5) Refer to 3.2 T
A-PD1curves.


Número de pieza similar - STR-Y6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STR-Y6754 SANKEN-STR-Y6754 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-Y6754 SANKEN-STR-Y6754 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results

Descripción similar - STR-Y6754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
IW1830 RENESAS-IW1830 Datasheet
603Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power MOSFET
30-Jan-2022
logo
Fairchild Semiconductor
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1822 RENESAS-IW1822 Datasheet
478Kb / 6P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 900V Power BJT
10-Feb-2022
IW1819 RENESAS-IW1819 Datasheet
1Mb / 21P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT
10-Feb-2022
IW1821 RENESAS-IW1821 Datasheet
506Kb / 6P
   12W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 1200V Power BJT
10-Feb-2022
logo
Infineon Technologies A...
ICE2QR2280Z-1 INFINEON-ICE2QR2280Z-1 Datasheet
1,005Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Version 2.1, March 7, 2013
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_15 Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com