Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6865MZ Datasheet(PDF) 8 Page - Sanken electric

No. de pieza SMA6865MZ
Descripción Electrónicos  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6865MZ Datasheet(HTML) 8 Page - Sanken electric

Back Button SMA6865MZ Datasheet HTML 4Page - Sanken electric SMA6865MZ Datasheet HTML 5Page - Sanken electric SMA6865MZ Datasheet HTML 6Page - Sanken electric SMA6865MZ Datasheet HTML 7Page - Sanken electric SMA6865MZ Datasheet HTML 8Page - Sanken electric SMA6865MZ Datasheet HTML 9Page - Sanken electric SMA6865MZ Datasheet HTML 10Page - Sanken electric SMA6865MZ Datasheet HTML 11Page - Sanken electric SMA6865MZ Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
SMA6861MZ SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 150 V, VCC = 15 V, ID = 2.0 A, 0 V ≤ VIN ≤ 5 V,
inductive load
660
ns
trH
–25–
ns
trrH
–50–
ns
tdH(off)
560
ns
tfH
–10–
ns
Switching Time, Low Side
tdL(on)
VBB = 150 V, VCC = 15 V, ID = 2.0 A, 0 V ≤ VIN ≤ 5 V ,
inductive load
540
ns
trL
–25–
ns
trrL
–45–
ns
tdL(off)
500
ns
tfL
–15–
ns
SMA6862MZ SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V,
inductive load
720
ns
trH
–60–
ns
trrH
110
ns
tdH(off)
690
ns
tfH
–30–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V,
inductive load
670
ns
trL
–70–
ns
trrL
120
ns
tdL(off)
590
ns
tfL
–30–
ns
SMA6863MZ SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V,
inductive load
820
ns
trH
100
ns
trrH
120
ns
tdH(off)
740
ns
tfH
–30–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V,
inductive load
790
ns
trL
110
ns
trrL
130
ns
tdL(off)
700
ns
tfL
–30–
ns


Número de pieza similar - SMA6865MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6865MH SANKEN-SMA6865MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
More results

Descripción similar - SMA6865MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com