Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME15-JZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME15-JZ
Descripción Electrónicos  15 Watt | AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-JZ Datasheet(HTML) 1 Page - AIMTEC

  AME15-JZ Datasheet HTML 1Page - AIMTEC AME15-JZ Datasheet HTML 2Page - AIMTEC AME15-JZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME15-JZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.A
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive load
(µF)
Efficiency
(%)
230
VAC
AME15-3.3SJZ
85-305/47-63
100-430
9.9
3.3
3
36000
74
AME15-5SJZ
85-305/47-63
100-430
14
5
2.8
20000
78
AME15-9SJZ
85-305/47-63
100-430
15
9
1.6
6000
79
AME15-12SJZ
85-305/47-63
100-430
15
12
1.25
3000
82
AME15-15SJZ
85-305/47-63
100-430
15
15
1
3000
82
AME15-24SJZ
85-305/47-63
100-430
15
24
0.625
900
84
AME15-48SJZ
85-305/47-63
100-430
15
48
0.32
370
85
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
370
mA
230 VAC
220
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
0.25
mA
External fuse
Recommended slow blow type
2
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
(LL-HL)
±0.5
%
Load regulation
10-100% load
±1
%
Ripple & Noise
100
mV p-p
Hold-up time
115 VAC
15
ms
230 VAC
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
Input to Output, 60 sec
3000
VAC
Input to Ground
2000
Isolation resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
65
KHz
Over current protection
≥110
% of Iout
Over voltage protection
Zener Diode Clamp
Short circuit protection
Auto recovery
Operating temperature
See derating curve
-40 to +70
°C
Maximum case temperature
100
°C
Storage temperature
-40 to +105
°C
Temperature coefficient
±0.02
% / °C
 I/O Isolation 3000VAC
 Low Ripple and Noise
 Operating Temp: -40°C to +70°C
 Over Voltage Protection
 Over current Protection
 Input: 85-305VAC, 47-63Hz, or 100-430VDC
 Up to 85% efficiency
 Short Circuit Protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AME15-JZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-12D AIMTEC-AME15-12D Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-12DCJZ AIMTEC-AME15-12DCJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AME15-JZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-CJZ AIMTEC-AME15-CJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com