Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME15-3.3SJZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AME15-3.3SJZ
Descripción Electrónicos  15 Watt | AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-3.3SJZ Datasheet(HTML) 2 Page - AIMTEC

  AME15-3.3SJZ Datasheet HTML 1Page - AIMTEC AME15-3.3SJZ Datasheet HTML 2Page - AIMTEC AME15-3.3SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME15-JZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.A
2 of 3
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
85
g
Dimensions (L x W x H)
62.0 x 45.0 x 22.5 mm (2.44 x 1.77 x 0.89 inches)
MTBF
> 300 000 hrs (MIL-HDBK -217F, t=+25oC)/ Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage
(115/230VAC) and at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
CE, UL
Standards
Information Technology Equipment
IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class B
EN55024: 2010
Electrostatic Discharge Immunity
IEC 61000-4-2: Contact ±6KV/Air ±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3: 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4: ±2KV, Criteria B
Surge Immunity
IEC 61000-4-5: ±1KV/±2KV, Criteria B
RF, Conducted Disturbance Immunity
IEC 61000-4-6: 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8: 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11: 0-70%, Criteria B
Typical Application circuit
Pin Out Specifications
Vout
C2
TVS
3.3 & 5VV
680 µF/50V
7A
9V
470 µF/50V
12A
12 & 15V
220 µF/50V
20A
24V
68 µF/50V
30A
48V
33 µF/50V
64A
Pin
Single
1
AC Input (L)
2
AC Input (N)
3
- V output
4
+ V output
AC
DC
AC L
AC N
+ Vout
‐ Vout
Single Output
MOV
S14K350
FUSE
3.15A/300V
C1
1µF/50V
AC L
AC N
+ Vout
‐ Vout
   C2
+
TVS
Earth/GND


Número de pieza similar - AME15-3.3SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-3.3SCJZ AIMTEC-AME15-3.3SCJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AME15-3.3SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-CJZ AIMTEC-AME15-CJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com