Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME20-5SCJZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME20-5SCJZ
Descripción Electrónicos  20 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME20-5SCJZ Datasheet(HTML) 1 Page - AIMTEC

  AME20-5SCJZ Datasheet HTML 1Page - AIMTEC AME20-5SCJZ Datasheet HTML 2Page - AIMTEC AME20-5SCJZ Datasheet HTML 3Page - AIMTEC AME20-5SCJZ Datasheet HTML 4Page - AIMTEC AME20-5SCJZ Datasheet HTML 5Page - AIMTEC AME20-5SCJZ Datasheet HTML 6Page - AIMTEC AME20-5SCJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AME20-CJZ
20 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
1 of 7
North America only
Picture coming soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME20-5SCJZ
85-264/47-63
120-370
5
3.5
12240
75
AME20-9SCJZ
85-264/47-63
120-370
9
2.1
7200
77
AME20-12SCJZ
85-264/47-63
120-370
12
1.6
5400
81
AME20-15SCJZ
85-264/47-63
120-370
15
1.3
2720
83
AME20-24SCJZ
85-264/47-63
120-370
24
0.85
1840
85
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME20-5DCJZ
85-264/47-63
120-370
±5
±2
±8000
75
AME20-12DCJZ
85-264/47-63
120-370
±12
±0.83
±960
82
AME20-15DCJZ
85-264/47-63
120-370
±15
±0.65
±880
83
Models
Triple output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Output
Voltage
(V)
Auxiliary
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME20-505TCJZ
85-264/47-63
120-370
5
±5
2.5/±0.5
11200/±4480
74
AME20-512TCJZ
85-264/47-63
120-370
5
±12
2/±0.4
16000/±1600
75
AME20-515TCJZ
85-264/47-63
120-370
5
±15
2/±0.3
13520/±370
76
AME20-524TCJZ
85-264/47-63
120-370
5
±24
2/±0.2
11200/±370
77
Models
Asymmetric Separated Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME20-512DCJZ
85-264/47-63
120-370
5/12
2.5/0.6
32400/3250
75
AME20-515DCJZ
85-264/47-63
120-370
5/15
2.5/0.5
28000/1980
76
AME20-524DCJZ
85-264/47-63
120-370
5/24
2.5/0.3
28000/720
77
 I/O Isolation 3000VAC
 Continuous Short circuit protection
 Operating Temp: -25 °C to +70 °C
 Energy Star compliant
 Input: 85-264VAC, 47-63Hz, or 120-370VDC
 Compact package
 Over current, Over Voltage Protection
 Efficiency up to 85%
Click on Series name for product info on aimtec.com


Número de pieza similar - AME20-5SCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME20-5SBJZ AIMTEC-AME20-5SBJZ Datasheet
553Kb / 4P
   AC-DC / DC-DC Converter
AME20-5SJZ AIMTEC-AME20-5SJZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-5SVZ AIMTEC-AME20-5SVZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
More results

Descripción similar - AME20-5SCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com