Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME15-524DCJZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AME15-524DCJZ
Descripción Electrónicos  15 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-524DCJZ Datasheet(HTML) 2 Page - AIMTEC

  AME15-524DCJZ Datasheet HTML 1Page - AIMTEC AME15-524DCJZ Datasheet HTML 2Page - AIMTEC AME15-524DCJZ Datasheet HTML 3Page - AIMTEC AME15-524DCJZ Datasheet HTML 4Page - AIMTEC AME15-524DCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AME15-CJZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
2 of 5
North America only
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
370
mA
230 VAC
220
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
230VAC/50Hz
0.3
mA
External fuse
Recommended slow blow type
2
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
Full load, main output
±0.5
%
Full load, auxiliary output
±1.5
%
Load regulation (single output)
10-100% load
±1
%
Load Regulation (dual output)
10-100% Balanced load
±2
%
Load Regulation (triple &
asymmetric separated output)
10-100% Balanced load, main output
±3
10-100% Balanced load, auxiliary output
±5
Minimum load
Single output
0
%
Others
10
%
Ripple & Noise *
50
150
mV p-p
Hold-up time
115VAC, 20MHz bandwidth
15
ms
230VAC, 20MHz bandwidth
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation voltage between Main and Auxiliary
output
60 sec
500
VDC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
65
KHz
Protection class
Class II
Over current protection
≥110
% of Iout
Over voltage protection
Zener diode clamp
Short circuit protection
Continuous, Auto recovery
Operating temperature
See derating curve
-25 to +70
oC
Storage temperature
-25 to +105
oC
Maximum Case temperature
100
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
85
g
Dimensions (L x W x H)
2.44 x 1.77 x 0.89 inches
62.0 x 45.0 x 22.50 mm
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Número de pieza similar - AME15-524DCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-512T AIMTEC-AME15-512T Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-515T AIMTEC-AME15-515T Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-5D AIMTEC-AME15-5D Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-5DMAZ AIMTEC-AME15-5DMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-5DMAZ AIMTEC-AME15-5DMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AME15-524DCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-JZ AIMTEC-AME15-JZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com