Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5401BCPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG5401BCPZ-RL7
Descripción Electrónicos  High Voltage Latch-Up Proof, Single SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5401BCPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG5401BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADG5401
CONTINUOUS CURRENT PER CHANNEL, S OR D
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Condition/Comments
8-LEAD MSOP
θJA = 133.1°C/W
VDD = 15 V, VSS = −15 V
171
116
79
mA maximum
VDD = 20 V, VSS = −20 V
177
120.5
81
mA maximum
VDD = 12 V, VSS = 0 V
139
99
70
mA maximum
VDD = 36 V, VSS = 0 V
174
118
81
mA maximum
8-LEAD LFCSP
θJA = 60.88°C/W
VDD = 15 V, VSS = −15 V
234
150
93
mA maximum
VDD = 20 V, VSS = −20 V
246
155
95
mA maximum
VDD = 12 V, VSS = 0 V
193
130
85
mA maximum
VDD = 36 V, VSS = 0 V
241
153
95
mA maximum
Rev. A | Page 7 of 17


Número de pieza similar - ADG5401BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
ADG5401F AD-ADG5401F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG5401FBCPZ-RL7 AD-ADG5401FBCPZ-RL7 Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
More results

Descripción similar - ADG5401BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
   High Voltage Latch-Up Proof, Single SPDT Switch
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com