Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5436F Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG5436F
Descripción Electrónicos  Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5436F Datasheet(HTML) 4 Page - Analog Devices

  ADG5436F Datasheet HTML 1Page - Analog Devices ADG5436F Datasheet HTML 2Page - Analog Devices ADG5436F Datasheet HTML 3Page - Analog Devices ADG5436F Datasheet HTML 4Page - Analog Devices ADG5436F Datasheet HTML 5Page - Analog Devices ADG5436F Datasheet HTML 6Page - Analog Devices ADG5436F Datasheet HTML 7Page - Analog Devices ADG5436F Datasheet HTML 8Page - Analog Devices ADG5436F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADG5436F
Data Sheet
Rev. B | Page 4 of 30
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
400
ns typ
RL = 300 Ω, CL = 35 pF
540
555
570
ns max
VS = 10 V, see Figure 46
tON (EN)
435
ns typ
RL = 300 Ω, CL = 35 pF
515
530
550
ns max
VS = 10 V, see Figure 45
tOFF (EN)
165
ns typ
RL = 300 Ω, CL = 35 pF
210
215
220
ns max
VS = 10 V, see Figure 45
Break-Before-Make Time
Delay, tD
320
ns typ
RL = 300 Ω, CL = 35 pF
190
ns min
VS = 10 V, see Figure 44
Overvoltage Response
Time, tRESPONSE
510
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 39
680
725
750
ns max
Overvoltage Recovery Time,
tRECOVERY
820
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 40
1100
1150
1200
ns max
Interrupt Flag Response
Time, tDIGRESP
85
115
ns typ
CL = 12 pF, see Figure 41
Interrupt Flag Recovery
Time, tDIGREC
60
85
µs typ
CL = 12 pF, see Figure 42
600
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 43
Charge Injection, QINJ
−724
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 47
Off Isolation
−71
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 33
Channel-to-Channel Crosstalk
−73
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 34
Total Harmonic Distortion
Plus Noise, THD + N
0.001
% typ
RL = 10 kΩ, VS = 15 V p-p, f = 20 Hz to 20 kHz, see Figure 38
−3 dB Bandwidth
169
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 37
Insertion Loss
−0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 37
Source Capacitance (CS), Off
12
pF typ
VS = 0 V, f = 1 MHz
Drain Capacitance (CD), Off
24
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
37
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 16.5 V, VSS = −16.5 V, GND = 0 V, digital inputs = 0 V,
5 V, or VDD
Normal Mode
IDD
0.9
mA typ
1.2
1.3
mA max
IGND
0.4
mA typ
0.55
0.6
mA max
ISS
0.5
mA typ
0.65
0.7
mA max
Fault Mode
VS = ±55 V
IDD
1.2
mA typ
1.6
1.8
mA max
IGND
0.8
mA typ
1.0
1.1
mA max
ISS
0.5
mA typ
Digital inputs = 5 V
1.0
1.8
mA max
VS = ±55 V, VD = 0 V
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1
Guaranteed by design. Not subject to production test.


Número de pieza similar - ADG5436F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5436F AD-ADG5436F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Descripción similar - ADG5436F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
logo
ON Semiconductor
NLAS5123 ONSEMI-NLAS5123 Datasheet
123Kb / 9P
   SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0
NLAS4157 ONSEMI-NLAS4157 Datasheet
91Kb / 10P
   SPDT, 1 ohm RON Switch
July, 2005 ??Rev. 2
NLASB3157 ONSEMI-NLASB3157_06 Datasheet
98Kb / 10P
   SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLAS5123-06 ONSEMI-NLAS5123-06 Datasheet
175Kb / 9P
   SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com