Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5413BFBRUZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG5413BFBRUZ
Descripción Electrónicos  Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5413BFBRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5413BFBRUZ Datasheet HTML 2Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 3Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 4Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 5Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 6Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 7Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 8Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 9Page - Analog Devices ADG5413BFBRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADG5412BF/ADG5413BF
Data Sheet
Rev. B | Page 6 of 28
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
Output Voltage
High, VOH
2.0
V min
Low, VOL
0.8
V max
DYNAMIC CHARACTERISTICS1
tON
400
ns typ
RL = 300 Ω, CL = 35 pF
500
530
555
ns max
VS = 10 V, see Figure 47
tOFF
415
ns typ
RL = 300 Ω, CL = 35 pF
515
550
565
ns max
VS = 10 V, see Figure 47
Break-Before-Make Time Delay, tD
(ADG5413BF Only)
295
ns typ
RL = 300 Ω, CL = 35 pF
200
ns min
VS1 = VS2 = 10 V, see Figure 46
Overvoltage Response Time, tRESPONSE
370
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 41
480
500
515
ns max
Overvoltage Recovery Time, tRECOVERY
840
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 42
1200
1400
1700
ns max
Interrupt Flag Response Time, tDIGRESP
85
115
ns typ
CL = 10 pF, see Figure 43
Interrupt Flag Recovery Time, tDIGREC
60
85
μs typ
CL = 10 pF, see Figure 44
600
ns typ
CL = 10 pF, RPULLUP = 1 kΩ, see
Figure 45
Charge Injection, QINJ
−640
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see
Figure 48
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see
Figure 35
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see
Figure 36
Total Harmonic Distortion Plus Noise, THD + N
0.001
% typ
RL = 10 kΩ, VS = 20 V p-p, f = 20 Hz
to 20 kHz, see Figure 40
−3 dB Bandwidth
270
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 39
Insertion Loss
−0.73
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see
Figure 39
CS (Off )
12
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
11
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
23
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 22 V, VSS = −22 V, digital
inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
0.9
mA typ
1.2
1.3
mA max
IGND
0.4
mA typ
0.55
0.6
mA max
ISS
0.5
mA typ
0.65
0.7
mA max
Fault Mode
VS = ±55 V
IDD
1.2
mA typ
1.6
1.8
mA max
IGND
0.8
mA typ
1.0
1.1
mA max
ISS
0.5
mA typ
1.0
1.8
mA max
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1 Guaranteed by design; not subject to production test.


Número de pieza similar - ADG5413BFBRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5413BF AD-ADG5413BF Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Descripción similar - ADG5413BFBRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com