Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL316WBCSZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADXL316WBCSZ
Descripción Electrónicos  Small, Low Power, 3-Axis plus minus16 g Accelerometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL316WBCSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL316WBCSZ Datasheet HTML 2Page - Analog Devices ADXL316WBCSZ Datasheet HTML 3Page - Analog Devices ADXL316WBCSZ Datasheet HTML 4Page - Analog Devices ADXL316WBCSZ Datasheet HTML 5Page - Analog Devices ADXL316WBCSZ Datasheet HTML 6Page - Analog Devices ADXL316WBCSZ Datasheet HTML 7Page - Analog Devices ADXL316WBCSZ Datasheet HTML 8Page - Analog Devices ADXL316WBCSZ Datasheet HTML 9Page - Analog Devices ADXL316WBCSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADXL316
Data Sheet
Rev. 0 | Page 6 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
N (number of devices tested) > 1000 for all typical performance plots, unless otherwise noted.
0
10
20
30
40
50
60
OUTPUT (V)
Figure 3. X-Axis Zero g Bias at 25°C, VS = 3 V
0
10
20
30
40
50
60
70
OUTPUT (V)
Figure 4. Y-Axis Zero g Bias at 25°C, VS = 3 V
OUTPUT (V)
0
2
4
6
8
10
12
14
16
18
Figure 5. Z-Axis Zero g Bias at 25°C, VS = 3 V
0
5
10
15
20
25
30
–65 –63 –61 –59 –57 –55 –53 –51 –49 –47 –45 –43 –41 –39 –37 –35
SELF TEST (mV)
Figure 6. X-Axis Self Test Response at 25°C, VS = 3 V
0
5
10
15
20
25
SELF TEST (mV)
35 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65
Figure 7. Y-Axis Self Test Response at 25°C, VS = 3 V
0
2
4
6
8
10
12
14
16
SELF TEST (mV)
Figure 8. Z-Axis Self Test Response at 25°C, VS = 3 V


Número de pieza similar - ADXL316WBCSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results

Descripción similar - ADXL316WBCSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com