Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES233 Datasheet(PDF) 8 Page - Cyrustek corporation

No. de pieza ES233
Descripción Electrónicos  4000 Counts DMM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES233 Datasheet HTML 4Page - Cyrustek corporation ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation ES233 Datasheet HTML 10Page - Cyrustek corporation ES233 Datasheet HTML 11Page - Cyrustek corporation ES233 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
V 2.2
8
2015/12/15
ES233
4000 Counts DMM
1.2.
Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage measurement
mode. 400.0mV range is independent and manual mode. It takes input signal from mVin pin. The
following table summarizes the Full-Scale ranges in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
Input Pin
VR1
400.0mV
1
-
mVin V.S. SGND
VR2
4.000V
1/10
VR2 (1.111MΩ)
VR1 V.S. SGND
VR3
40.00V
1/100
VR3 (101KΩ)
VR1 V.S. SGND
VR4
400.0V
1/1000
VR4 (10KΩ)
VR1 V.S. SGND
VR5
1000V
1/10000
VR5 (1KΩ)
VR1 V.S. SGND
The VST pin is used to control the voltage start range from 4.000V or 400.0V, refer to the table.
VST
V+
DGND
Floating
V-
Initial state
400.0V
4.000V
400.0V
4.000V
The ES233 provide two types of the hazardous live voltage warning by different condition.
SEL2
V+
DGND
Floating
V-
DCV
35V
70V
ACV
16V
33V
When the voltage measured exceeds the level defined, the buzzer generates 2KHz beep and
ALARM (pin 57) drive high output (V+ level) periodically. It can remind the user to notice the
hazardous voltage. The buzzer sound warning could be cancelled by DIS (pin94).
DIS
V+
DGND
Floating
V-
Buzzer
Disable
Enable


Número de pieza similar - ES233

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Descripción similar - ES233

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com