Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS72025QDRVRQ1 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPS72025QDRVRQ1 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 25 page 4 TPS720-Q1 SBVS278 – FEBRUARY 2016 www.ti.com Product Folder Links: TPS720-Q1 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±500 Machine model (MM) ±100 (1) Whichever is less. (2) Whichever is greater. (3) Maximum ESR must be less than 250 m Ω. 6.3 Recommended Operating Conditions over operating junction temperature range (unless otherwise noted) MIN NOM MAX UNIT VIN Input voltage (steady-state) 1.1 VBIAS or 4.5 (1) V VBIAS Bias voltage 2.6 or VOUT + 1.4 (2) 5.5 V VOUT Output voltage 0.9 3.0 V IOUT Peak output current 0 350 mA VEN Enable voltage 0 5.5 V CIN Input capacitance 1 µF CBIAS Bias capacitance 0.1 µF COUT (3) Output capacitance 2.2 µF (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6.4 Thermal Information THERMAL METRIC(1) TPS720-Q1 UNIT DRV (WSON) 6 PINS RθJA Junction-to-ambient thermal resistance 66.5 °C/W RθJC(top) Junction-to-case (top) thermal resistance 86.2 °C/W RθJB Junction-to-board thermal resistance 36.1 °C/W ψJT Junction-to-top characterization parameter 1.7 °C/W ψJB Junction-to-board characterization parameter 36.6 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 7.4 °C/W |
Número de pieza similar - TPS72025QDRVRQ1 |
|
Descripción similar - TPS72025QDRVRQ1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |