Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22960 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS22960
Descripción Electrónicos  Low-Input Voltage, Dual-Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22960 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22960_16 Datasheet HTML 3Page - Texas Instruments TPS22960_16 Datasheet HTML 4Page - Texas Instruments TPS22960_16 Datasheet HTML 5Page - Texas Instruments TPS22960_16 Datasheet HTML 6Page - Texas Instruments TPS22960_16 Datasheet HTML 7Page - Texas Instruments TPS22960_16 Datasheet HTML 8Page - Texas Instruments TPS22960_16 Datasheet HTML 9Page - Texas Instruments TPS22960_16 Datasheet HTML 10Page - Texas Instruments TPS22960_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0
200
400
600
800
1000
1200
1400
1
2
3
4
5
6
VIN (V)
SR Low
SR High
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
VIN (V)
SR Low
SR High
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
2
3
4
5
6
VIN (V)
SR = High or Low
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
Temperature (°C)
SR High
SR Low
40
55
70
85
100
115
130
145
160
1
2
3
4
5
6
VIN (V)
TA = 85°C
TA = 25°C
TA = -40°C
SR Low
400
500
600
700
800
900
1000
1100
1200
1300
1400
1
2
3
4
5
6
VIN (V)
TA = 85°C
TA = 25°C
TA = -40°C
SR High
7
TPS22960
www.ti.com
SLVS914D – APRIL 2009 – REVISED FEBRUARY 2016
Product Folder Links: TPS22960
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.8 Typical Switching Characteristics
Figure 6. Rise Time vs Input Voltage
Figure 7. Rise Time vs Input Voltage
Figure 8. Fall Time vs Input Voltage
Figure 9. Rise Time vs Temperature
Figure 10. On Time vs Input Voltage
Figure 11. Off Time vs Input Voltage


Número de pieza similar - TPS22960_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Descripción similar - TPS22960_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com