Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22968DPUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22968DPUR
Descripción Electrónicos  Dual Channel, Ultra-Low Resistance Load Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22968DPUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22968DPUR Datasheet HTML 3Page - Texas Instruments TPS22968DPUR Datasheet HTML 4Page - Texas Instruments TPS22968DPUR Datasheet HTML 5Page - Texas Instruments TPS22968DPUR Datasheet HTML 6Page - Texas Instruments TPS22968DPUR Datasheet HTML 7Page - Texas Instruments TPS22968DPUR Datasheet HTML 8Page - Texas Instruments TPS22968DPUR Datasheet HTML 9Page - Texas Instruments TPS22968DPUR Datasheet HTML 10Page - Texas Instruments TPS22968DPUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
TPS22968, TPS22968N
www.ti.com
SLVSCG3D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPS22968 TPS22968N
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.7 Switching Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN = VON = VBIAS = 5 V, TA = 25 °C (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1128
µs
tOFF
Turn-off time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
5
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1387
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
455
VIN = 0.8 V, VON = VBIAS = 5 V, TA = 25 ºC (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
508
µs
tOFF
Turn-off time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
33
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
273
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
377
VIN = 2.5 V, VON = 5 V, VBIAS = 2.5V, TA = 25 ºC (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1718
µs
tOFF
Turn-off time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
7
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1701
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
859
VIN = 0.8 V, VON = 5 V, VBIAS = 2.5 V, TA = 25 ºC (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1117
µs
tOFF
Turn-off time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
30
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
651
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
775


Número de pieza similar - TPS22968DPUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968NQDMGRQ1 TI1-TPS22968NQDMGRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968NQDMGTQ1 TI1-TPS22968NQDMGTQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968QDMGRQ1 TI1-TPS22968QDMGRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968QDMGTQ1 TI1-TPS22968QDMGTQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
More results

Descripción similar - TPS22968DPUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com