Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22960RSET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22960RSET
Descripción Electrónicos  Low-Input Voltage, Dual-Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22960RSET Datasheet(HTML) 1 Page - Texas Instruments

  TPS22960RSET Datasheet HTML 1Page - Texas Instruments TPS22960RSET Datasheet HTML 2Page - Texas Instruments TPS22960RSET Datasheet HTML 3Page - Texas Instruments TPS22960RSET Datasheet HTML 4Page - Texas Instruments TPS22960RSET Datasheet HTML 5Page - Texas Instruments TPS22960RSET Datasheet HTML 6Page - Texas Instruments TPS22960RSET Datasheet HTML 7Page - Texas Instruments TPS22960RSET Datasheet HTML 8Page - Texas Instruments TPS22960RSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ON2
ON1
1
F
µ
V
IN1
V
OUT1
C
L
R
L
SR
1
F
µ
V
IN2
V
OUT2
C
L
R
L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22960
SLVS914D – APRIL 2009 – REVISED FEBRUARY 2016
TPS22960 Low-Input Voltage, Dual-Load Switch With Controlled Turnon
1
1 Features
1
Integrated Dual-Load Switch
Input Voltage Range: 1.62 V to 5.5 V
Low ON-State Resistance
rON = 342 mΩ at VIN = 5.5 V
rON = 435 mΩ at VIN = 3.3 V
rON = 523 mΩ at VIN = 2.5 V
rON = 737 mΩ at VIN = 1.8 V
500-mA Maximum Continuous Switch Current
Low Quiescent Current and Shutdown Current
Controlled Switch Output Rise Time:
75
μs or 660 μs
Integrated Quick Output Discharge Transistor
ESD Performance Tested Per JESD 22
2000-V Human Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
8-Pin SOT (DCN) Package: 3 mm × 3 mm
8-Pin UQFN (RSE) Package: 1.5 mm × 1.5 mm
2 Applications
GPS Devices
Cell Phones/PDAs
MP3 Players
Digital Cameras
3 Description
The TPS22960 is a small low-rON dual-channel load
switch with controlled turnon. The devices contain two
P-channel MOSFETs that can operate over an input
voltage range of 1.62 V to 5.5 V. Each switch is
independently controlled by on/off inputs (ON1 and
ON2), which are capable of interfacing directly with
low-voltage control signals. In TPS22960 a 85-
Ω on-
chip load resistor is added for quick discharge when
the switch is turned off.
The rise time (slew-rate) of the device is internally
controlled in order to avoid inrush current, and it can
be slowed down if needed using the SR pin: at 3.3 V,
TPS22960 features a 75-
μs rise time with the SR pin
tied to ground and 660-
μs with the SR pin tied to
high.
The TPS22960 is available in a space-saving 8-pin
UQFN package and in an 8-pin SOT package. It is
characterized
for
operation
over
the
free-air
temperature range of –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22960
SOT (8)
2.90 mm × 1.63 mm
UQFN (8)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Diagram


Número de pieza similar - TPS22960RSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960RSER TI-TPS22960RSER Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Descripción similar - TPS22960RSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com