Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS389033DSER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS389033DSER
Descripción Electrónicos  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389033DSER Datasheet(HTML) 3 Page - Texas Instruments

  TPS389033DSER Datasheet HTML 1Page - Texas Instruments TPS389033DSER Datasheet HTML 2Page - Texas Instruments TPS389033DSER Datasheet HTML 3Page - Texas Instruments TPS389033DSER Datasheet HTML 4Page - Texas Instruments TPS389033DSER Datasheet HTML 5Page - Texas Instruments TPS389033DSER Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS389001DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389001DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
TPS389012DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389012DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
TPS389018DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389018DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
TPS389025DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389025DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
TPS389030DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389030DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
TPS389033DSER
PREVIEW
WSON
DSE
6
3000
TBD
Call TI
Call TI
-40 to 125
TPS389033DSET
PREVIEW
WSON
DSE
6
250
TBD
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Número de pieza similar - TPS389033DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS389033DSER TI1-TPS389033DSER Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Descripción similar - TPS389033DSER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3890-Q1 TI1-TPS3890-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com