Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54202 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54202
Descripción Electrónicos  4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54202 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54202 Datasheet HTML 5Page - Texas Instruments TPS54202 Datasheet HTML 6Page - Texas Instruments TPS54202 Datasheet HTML 7Page - Texas Instruments TPS54202 Datasheet HTML 8Page - Texas Instruments TPS54202 Datasheet HTML 9Page - Texas Instruments TPS54202 Datasheet HTML 10Page - Texas Instruments TPS54202 Datasheet HTML 11Page - Texas Instruments TPS54202 Datasheet HTML 12Page - Texas Instruments TPS54202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
TPS54202
www.ti.com
SLVSD26 – APRIL 2016
Product Folder Links: TPS54202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed-Frequency PWM Control
The device uses a fixed-frequency, peak current-mode control. The output voltage is compared through external
resistors on the FB pin to an internal voltage reference by an error amplifier. An internal oscillator initiates the
turn on of the high-side power switch. The error amplifier output is compared to the current of the high-side
power switch. When the power-switch current reaches the error amplifier output voltage level, the high side
power switch is turned off and the low-side power switch is turned on. The error amplifier output voltage
increases and decreases as the output current increases and decreases. The device implements a current-limit
by clamping the error amplifier voltage to a maximum level and also implements a minimum clamp for improved
transient-response performance.
7.3.2 Pulse Skip Mode
The TPS54202 is designed to operate in pulse skipping mode at light load currents to boost light load efficiency.
When the peak inductor current is lower than 300 mA typically, the device enters pulse skipping mode. When the
device is in pulse skipping mode, the error amplifier output voltage is clamped which prevents the high side
integrated MOSFET from switching. The peak inductor current must rise above 300 mA and exit pulse skip
mode. Since the integrated current comparator catches the peak inductor current only, the average load current
entering pulse skipping mode varies with the applications and external output filters.
7.3.3 Error Amplifier
The device has a trans-conductance amplifier as the error amplifier. The error amplifier compares the FB voltage
to the lower of the internal soft-start voltage or the internal 0596-V voltage reference. The transconductance of
the error amplifier is 240 µA/V typically. The frequency compensation components are placed internal between
the output of the error amplifier and ground.
7.3.4 Slope Compensation and Output Current
The device adds a compensating ramp to the signal of the switch current. This slope compensation prevents
sub-harmonic oscillations as the duty cycle increases. The available peak inductor current remains constant over
the full duty-cycle range.
7.3.5 Enable and Adjusting Under Voltage Lockout
The EN pin provides electrical on and off control of the device. When the EN pin voltage exceeds the threshold
voltage, the device begins operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters the low-quiescent (IQ) state.
The EN pin has an internal pullup-current source which allows the user to float the EN pin to enable the device. If
an application requires control of the EN pin, use open-drain or open-collector output logic to interface with the
pin.
The device implements internal undervoltage-lockout (UVLO) circuitry on the VIN pin. The device is disabled
when the VIN pin voltage falls below the internal VIN UVLO threshold. The internal VIN UVLO threshold has a
hysteresis of 480 mV.
If an application requires a higher UVLO threshold on the VIN pin, then the EN pin can be configured as shown
in Figure 13. When using the external UVLO function, setting the hysteresis at a value greater than 500 mV is
recommended.
The EN pin has a small pullup-current, Ip, which sets the default state of the pin to enable when no external
components are connected. The pullup current is also used to control the voltage hysteresis for the UVLO
function because it increases by Ih when the EN pin crosses the enable threshold. Use Equation 1 and
Equation 2 to calculate the values of R4 and R5 for a specified UVLO threshold.


Número de pieza similar - TPS54202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202HDDCR TI1-TPS54202HDDCR Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202HDDCT TI1-TPS54202HDDCT Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
More results

Descripción similar - TPS54202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com