Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54202 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54202
Descripción Electrónicos  4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54202 Datasheet HTML 6Page - Texas Instruments TPS54202 Datasheet HTML 7Page - Texas Instruments TPS54202 Datasheet HTML 8Page - Texas Instruments TPS54202 Datasheet HTML 9Page - Texas Instruments TPS54202 Datasheet HTML 10Page - Texas Instruments TPS54202 Datasheet HTML 11Page - Texas Instruments TPS54202 Datasheet HTML 12Page - Texas Instruments TPS54202 Datasheet HTML 13Page - Texas Instruments TPS54202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
out
ref
R2
V
V
1
R3
é
ù
=
´
+
ê
ú
ë
û
(
)
ENfalling
STOP
ENfalling
p
h
R4 V
R5
V
V
R1 I
I
´
=
-
+
+
ENfalling
START
STOP
ENri sin g
ENfalling
p
h
ENri sin g
V
V
V
V
R4
V
I
1
I
V
æ
ö
-
ç
÷
ç
÷
è
ø
=
æ
ö
-
+
ç
÷
ç
÷
è
ø
EN
Ip
Ih
R4
R5
VIN
Device
10
TPS54202
SLVSD26 – APRIL 2016
www.ti.com
Product Folder Links: TPS54202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Adjustable VIN Undervoltage Lockout
(1)
Where:
Ip = 0.7 µA
Ih = 1.55 µA
VENfalling = 1.19 V
VENrising = 1.22 V
(2)
7.3.6 Safe Startup into Pre-Biased Outputs
The device has been designed to prevent the low-side MOSFET from discharging a pre-biased output. During
monotonic pre-biased startup, both high-side and low-side MOSFETs are not allowed to be turned on until the
internal soft-start voltage is higher than FB pin voltage.
7.3.7 Voltage Reference
The voltage reference system produces a precise ±2.5% voltage-reference over temperature by scaling the
output of a temperature stable bandgap circuit. The typical voltage reference is designed at 0.596 V.
7.3.8 Adjusting Output Voltage
The output voltage is set with a resistor divider from the output node to the FB pin. It is recommended to use
divider resistors with 1% tolerance or better. Start with a 100 k
Ω for the upper resistor divider, use Equation 3 to
calculate the output voltage. To improve efficiency at light loads consider using larger value resistors. If the
values are too high the regulator is more susceptible to noise and voltage errors from the FB input current are
noticeable.
(3)


Número de pieza similar - TPS54202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202HDDCR TI1-TPS54202HDDCR Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202HDDCT TI1-TPS54202HDDCT Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
More results

Descripción similar - TPS54202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com