Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54541DPRT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54541DPRT
Descripción Electrónicos  4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54541DPRT Datasheet(HTML) 2 Page - Texas Instruments

  TPS54541DPRT Datasheet HTML 1Page - Texas Instruments TPS54541DPRT Datasheet HTML 2Page - Texas Instruments TPS54541DPRT Datasheet HTML 3Page - Texas Instruments TPS54541DPRT Datasheet HTML 4Page - Texas Instruments TPS54541DPRT Datasheet HTML 5Page - Texas Instruments TPS54541DPRT Datasheet HTML 6Page - Texas Instruments TPS54541DPRT Datasheet HTML 7Page - Texas Instruments TPS54541DPRT Datasheet HTML 8Page - Texas Instruments TPS54541DPRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
TPS54541
SLVSC57B – OCTOBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54541
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Requirements ........................................... 6
6.8
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 27
8
Application and Implementation ........................ 28
8.1
Application Information............................................ 28
8.2
Typical Applications ............................................... 28
9
Power Supply Recommendations ...................... 42
10
Layout................................................................... 43
10.1
Layout Guidelines ................................................. 43
10.2
Layout Example .................................................... 43
10.3
Estimated Circuit Area .......................................... 43
11
Device and Documentation Support ................. 44
11.1
Device Support...................................................... 44
11.2
Documentation Support ........................................ 44
11.3
Community Resources.......................................... 44
11.4
Trademarks ........................................................... 44
11.5
Electrostatic Discharge Caution ............................ 44
11.6
Glossary ................................................................ 44
12
Mechanical, Packaging, and Orderable
Information ........................................................... 44
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2015) to Revision B
Page
Added: SW, 5-ns Transient to the Absolute Maximum Ratings ............................................................................................ 4
Changed text in the Application Information From: "iterative design procedure" To: "interactive design procedure".......... 28
Changes from Original (October 2013) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1


Número de pieza similar - TPS54541DPRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54541DPRT TI1-TPS54541DPRT Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
More results

Descripción similar - TPS54541DPRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com