Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61021DSGT Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS61021DSGT
Descripción Electrónicos  3-A Boost Converter with 0.5-V Ultra Low Input Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61021DSGT Datasheet(HTML) 5 Page - Texas Instruments

  TPS61021DSGT Datasheet HTML 1Page - Texas Instruments TPS61021DSGT Datasheet HTML 2Page - Texas Instruments TPS61021DSGT Datasheet HTML 3Page - Texas Instruments TPS61021DSGT Datasheet HTML 4Page - Texas Instruments TPS61021DSGT Datasheet HTML 5Page - Texas Instruments TPS61021DSGT Datasheet HTML 6Page - Texas Instruments TPS61021DSGT Datasheet HTML 7Page - Texas Instruments TPS61021DSGT Datasheet HTML 8Page - Texas Instruments TPS61021DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Output Current (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D001
Vin = 0.9 V
Vin = 1.2 V
Vin = 1.8 V
Vin = 2.4 V
Vin = 3.0 V
Output Current (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D001
Vout = 2.5 V
Vout = 3.3 V
Vout = 4.0 V
5
TPS61021
www.ti.com
SLVSD21B – NOVEMBER 2015 – REVISED MARCH 2016
Product Folder Links: TPS61021
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = 2.4 V and VOUT = 3.3 V. Typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF
Reference voltage at the FB pin
PWM mode
775
795
815
mV
PFM mode
801
mV
VOVP
Output over-voltage protection
threshold
VOUT rising
4.15
4.35
4.60
V
VOVP_HYS
Over-voltage protection hysteresis
0.1
V
IFB_LKG
Leakage current at FB pin
20
nA
ISW_LKG
Leakage current into SW pin
IC disabled, TJ up to 85°C
3.0
µA
IVOUT_LKG
Leakage current into VOUT pin
IC disabled, VOUT = 4.0 V, TJ up to
85°C
1
2
µA
POWER SWITCH
RDS(on)
High-side MOSFET on resistance
VOUT = 3.3 V
51
m
Ω
Low-side MOSFET on resistance
VOUT = 3.3 V
58
m
Ω
fSW
Switching frequency
VIN = 2.4 V, VOUT = 3.3 V, PWM
mode
2.0
MHZ
tOFF_min
Minimum off time
80
120
ns
ILIM_SW
Valley current limit
VIN = 2.4 V, VOUT = 3.3 V
3.0
4.3
A
LOGIC INTERFACE
VEN_H
EN Logic high threshold
VIN > 1.2 V
0.84
V
VIN ≤ 1.2 V
0.7 x VIN
VEN_L
EN Logic Low threshold
VIN > 1.2 V
0.36
V
VIN ≤ 1.2 V
0.3 x VIN
PROTECTION
TSD
Thermal shutdown threshold
TJ rising
150
°C
TSD_HYS
Thermal shutdown hysteresis
TJ falling below TSD
20
°C
6.6 Typical Characteristics
VIN = 2.4 V, VOUT = 3.3 V, TJ = 25°C, unless otherwise noted
VIN = 0.9 V, 1.2 V, 1.8 V, 2.4 V, 3.0 V, and VOUT = 3.3 V
Figure 1. Load Efficiency with Different Input
VIN = 2.4 V, and VOUT = 2.5 V, 3.3 V, 4.0 V
Figure 2. Load Efficiency with Different Output


Número de pieza similar - TPS61021DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61021A TI1-TPS61021A Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021ADSGR TI1-TPS61021ADSGR Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61021ADSGT TI1-TPS61021ADSGT Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
More results

Descripción similar - TPS61021DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61023 TI1-TPS61023 Datasheet
1Mb / 28P
[Old version datasheet]   TPS61023 3-A Boost converter with 0.5-V ultra-low input voltage
TPS61021A TI1-TPS61021A Datasheet
4Mb / 33P
[Old version datasheet]   TPS61021A 3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TLV61070A TI-TLV61070A Datasheet
2Mb / 23P
[Old version datasheet]   TLV61070A 2.5-A Boost Converter with 0.5-V Ultra-low Input Voltage
SEPTEMBER 2022
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com